Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX101320 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX101320
Description  Modular Connectors - CAT6 Modular Jack - KeyConnect
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX101320 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX101320 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX101320 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX101320 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX101320 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For more Information
please call
1-800-Belden1
Description:
CAT6+ Modular Jack, RJ45, KeyConnect style, Electrical White
Usage (Overall)
Suitable Applications:
IBDN System 2400 and 4800, TIA Category 6+, ISO Class E, 1000 BASE-T
Related Parts:
Compatible with KeyConnect Faceplates, Adapters, Boxes and Patch Panels
Physical Characteristics (Connectivity)
Dimensions
Dimensions:
Height (in.) Width (in.) Depth (in.)
0.880
0.640
1.290
Materials
Materials:
Description
Type
Material
Front Connection Lead Frame Copper Allow with 50u inch Gold over Nickel
Rear Connection IDC
Copper Allow with Nickel Plating
Connector Body
Plastic - UL940V-0
Color
Color:
Elec. White
Wiring Scheme
Wiring Scheme:
T568A/B
Weight
Weight:
0.014 lbs.
Included Parts
Included Parts:
1 T-Bar
Packaging
Packaging:
Individually packaged in a plastic bag. Standard pack of 50 units.
Mechanical Characteristics (Connectivity)
Footprint/Type:
KeyConnect
Plug / Jack Compatibility:
RJ45, RJ11
Termination Interface:
Termination Connection
Durabilities
Front
Mated Connection
1,000 cycles
Rear
Gas Tight IDC Connection 10 terminations
Connector/Hardware Retention:
20 lbs.
Plug/Connector Retention:
11.250 lbs.
Storage Temperature Range:
-40°C To +70°C
Installation Temperature Range:
-10°C To +60°C
Operating Temperature Range:
-10°C To +60°C
Page 1 of 3
09-18-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX101320 Modular Connectors - CAT6+ Modular Jack - KeyConnect


Similar Part No. - AX101320

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AX101320 BELDEN-AX101320 Datasheet
250Kb / 3P
CAT6 Modular Jack, RJ45, KeyConnect Style
05-10-2023
AX101320-B24 BELDEN-AX101320-B24 Datasheet
250Kb / 3P
CAT6 Modular Jack, RJ45, KeyConnect Style
05-10-2023
More results

Similar Description - AX101320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX101316 ETC2-AX101316 Datasheet
108Kb / 3P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101318 ETC2-AX101318 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101319 ETC2-AX101319 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101321 ETC2-AX101321 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101322 ETC2-AX101322 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101323 ETC2-AX101323 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101324 ETC2-AX101324 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101325 ETC2-AX101325 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101326 ETC2-AX101326 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101327 ETC2-AX101327 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com