Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # BAS40
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

BAS40 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  BAS40 Datasheet HTML 1Page - PACELEADER INDUSTRIAL BAS40 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum Ratings (TJ=125 C Unless otherwise noted)
Characteristic
Reverse Voltage
Average Rectifier
Forward Current
Peak Repetitive
Forward Current
Rated VR, Square Wave,20KHz
Operating Junction
Temperature Range
Storage Temperature Range
Symbol
VR
IF(AV)
IFRM
TJ
Tstg
Value
Unit
40
200
200
-55 to +125
-55 to +150
Volts
mA
mA
C
Electrical Characteristics (TA=25 C Unless otherwise noted)
Characteristic
Symbol
Reverse Breakdown Voltage (IR=100µA)
Forward Voltage
IF=1.0mA
IF=40mA
Total Capacitance
(VR=0V, f=1.0MHz)
Reverse Leakage
VR=30V
Reverse Recover Time
IF=IR =10mA, IR(Rec)=1.0mA
V(BR)R
VF
CT
IR
Trr
Min
Max
Unit
40
0.38
1.0
5
0.1
5.0
Volts
Volts
PF
µAdc
nS
Device Marking
Item
Marking
Eqivalent Circuit diagram
1
3
1
2
3
1
2
3
BAS40
BAS40-05
BAS40-06
BAS40-04
43 , B1
45
46 , L2
44 , CB
1
2
3
BAS40/BAS40-04
BAS40-05/BAS40-06
C
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SMALL SIGNAL SCHOTTKY DIODES
0m AMPERES 40 VOLTS
20
2
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com