Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # BAS40
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

BAS40 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  BAS40 Datasheet HTML 1Page - PACELEADER INDUSTRIAL BAS40 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*Extremely Fast Switching Speed
*Low Forward Voltage
*Very Small Conduction Losses
*Schottky Barrier Diodes Encapsulated in a SOT-23 Package
These schottky barrier diodes are designed for high speed
switching applications circuit protection, and voltage clamping,
Extremely low forward voltage reduces conduction loss,
Miniature surface mount package is excellent for hand held and
portable applications where space is limited.
BAS40/BAS40-04
BAS40-05/BAS40-06
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SMALL SIGNAL SCHOTTKY DIODES
0m AMPERES 40 VOLTS
20
FEATURES
DESCRIPTION
SOT-23
.018(0.46)
.039(1.00)
.0118(0.30)
.024(0.61)
0.0004(0.01)
.005(0.13)
TOP VIEW
.014(0.35)
.020(0.51)
)
(
)
9
1
.
1
(
7
4
0
.
)
4
.
1
(
5
5
0
.
.003(0.076)
.0098(0.25)
.035(0.89)
.043(1.10)
1.06(2.70)
1.22(3.10)
.067(1.70)
.083(2.10)
.033(0.85)
.041(1.05)
0
1
.
2
3
8
0
)
0
.
3
(
8
1
.
1
1
www.paceleader.tw


Similar Part No. - BAS40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40 PHILIPS-BAS40 Datasheet
58Kb / 8P
Schottky barrier double diodes
1999 Apr 28
logo
Siemens Semiconductor G...
BAS40 SIEMENS-BAS40 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
logo
Diodes Incorporated
BAS40 DIODES-BAS40 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 12 - 2
logo
General Semiconductor
BAS40 GE-BAS40 Datasheet
51Kb / 2P
Schottky Diodes
More results

Similar Description - BAS40

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com