Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB6040CP Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SB6040CP
Description  SCHOTTKY BARRIER RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SB6040CP Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SB6040CP Datasheet HTML 1Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
FEATURES
MECHANICAL DATA
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
o
Ratings at 25 C ambient temp. unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
VOLTAGE - 40 TO 100 VOLTS
CURRENT - 60 AMPERES
SCHOTTKY BARRIER RECTIFIER
SCHOTTKY BARRIER RECTIFIER
www.paceleader.tw
SB6040CP thru SB60100CP
‧
Guard Ring for over voltage Protection
‧
High forward surge capability
‧
High frequency operation
‧
Component in accordance to RoHS 2002/95/EC
‧
Case:TO-247(TO-3P)
‧
Case Material: Molded Plastic, UL Flammability
Classification Rating 94V-0
‧
Terminals:Matte Tin Finish annealed over copper
Leadframe. Solderable per MIL-STD-202
‧
Weight: 6.30 grams (approximate)
PARAMETER
SYMBOL
SR6040CP
SR6060CP
SR60100CP
UNIT
Maximum repetitive peak reverse voltage
VRRM
40
60
100
V
Maximum RMS voltage
VRMS
28
42
70
V
Maximum DC blocking voltage
VDC
40
60
100
V
Maximum average forward rectified current (Total)
(Per Leg)
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Maximum Instantaneous
IF=30A @ 25°C
0.65
0.75
0.90
Forward Voltage
IF=30A @ 100°C
0.60
0.70
0.85
Maximum DC Reverse Current @ Tc=25°C
at Rated DC Blocking Voltage @ Tc=100°C
Typical Thermal Resistance
RθJC
°C/W
Operating Temperature Range
TJ
°C
Storage Temperature Range
TSTG
°C
A
IF
V
VF
350.0
60.0
30.0
-55 to +150
IR
3
-55 to +125
mA
A
IFSM
3.0
100.0
.206(5.25)
.637(16.2)M A X
.106(2.7)
.094(2.4)
.122(3.1)
.055(1.4)
.177(4.5)MAX
.033(0.85)
.208(5.3)
.118(3.0)
.077(1.98)
.066(1.7)
.125(3.2)
.149(3.8)
.070(1.8)
.110(2.8)
.043(1.1)
.222(5.65)
.165(4.2)
.094(2.4)
.017(0.45)
TO-247(TO-3P)
6


Similar Part No. - SB6040CP

ManufacturerPart #DatasheetDescription
logo
Surge Components
SB604 SURGE-SB604 Datasheet
90Kb / 2P
6.0 AMP SILICON BRIDGE???
logo
Taiwan Semiconductor Co...
SB604 TSC-SB604 Datasheet
110Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
List of Unclassifed Man...
SB604 ETC1-SB604 Datasheet
100Kb / 1P
BRIDGE RECTIFIERS 2.0 to 8.0 Amps
logo
Pan Jit International I...
SB6045PT PANJIT-SB6045PT Datasheet
90Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
SB6045PT_T0_00001 PANJIT-SB6045PT_T0_00001 Datasheet
90Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB6040CP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
20-Apr-2009
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com