Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEN06 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # TEN06
Description  6 WATTS DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

TEN06 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  TEN06 Datasheet HTML 1Page - RSG Electronic Components GmbH TEN06 Datasheet HTML 2Page - RSG Electronic Components GmbH TEN06 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2013/5/3
TEN06 SERIES
6 WATTS
DC-DC CONVERTER
Output Current
Model
Number
Input
Range
Output
Voltage
Output
Voltage Range Min. load Full load
Output
(2)
Ripple & Noise
No Load
(3)
Input Current
Eff
(4)
(%)
Capacitor
(5)
Load max
TEN06-05S33 4.5 ~ 9 VDC
3.3 VDC
2.84 ~ 3.67 VDC
0mA
1200mA
100mVp-p
80mA
74
6600µF
TEN06-05S05 4.5 ~ 9 VDC
5 VDC
4.3 ~ 6 VDC
0mA
1000mA
100mVp-p
65mA
77
3000µF
TEN06-05S12 4.5 ~ 9 VDC
12 VDC
12 ~ 15 VDC
0mA
500mA
100mVp-p
140mA
83
1400µF
TEN06-05D12 4.5 ~ 9 VDC ±12 VDC
±12 ~ ±15 VDC
0mA
±250mA
100mVp-p
140mA
83
±510µF
TEN06-12S33 9 ~ 18 VDC
3.3 VDC
2.84 ~ 3.67 VDC
0mA
1500mA
100mVp-p
45mA
76
6600µF
TEN06-12S05 9 ~ 18 VDC
5 VDC
4.3 ~ 6 VDC
0mA
1200mA
100mVp-p
55mA
80
3000µF
TEN06-12S12 9 ~ 18 VDC
12 VDC
12 ~ 15 VDC
0mA
500mA
100mVp-p
60mA
85
1400µF
TEN06-12D12 9 ~ 18 VDC
±12 VDC
±12 ~ ±15 VDC
0mA
±250mA
100mVp-p
55mA
85
±510µF
TEN06-24S33 18 ~ 36 VDC 3.3 VDC
2.84 ~ 3.67 VDC
0mA
1500mA
100mVp-p
15mA
77
6600µF
TEN06-24S05 18 ~ 36 VDC
5 VDC
4.3 ~ 6 VDC
0mA
1200mA
100mVp-p
20mA
82
3000µF
TEN06-24S12 18 ~ 36 VDC
12 VDC
12 ~ 15 VDC
0mA
500mA
100mVp-p
30mA
85
1400µF
TEN06-24D12 18 ~ 36 VDC ±12 VDC
±12 ~ ±15 VDC
0mA
±250mA
100mVp-p
30mA
85
±510µF
TEN06-48S33 36 ~ 75 VDC 3.3 VDC
2.84 ~ 3.67 VDC
0mA
1500mA
100mVp-p
15mA
77
6600µF
TEN06-48S05 36 ~ 75 VDC
5 VDC
4.3 ~ 6 VDC
0mA
1200mA
100mVp-p
15mA
80
3000µF
TEN06-48S12 36 ~ 75 VDC
12 VDC
12 ~ 15 VDC
0mA
500mA
100mVp-p
20mA
85
1400µF
TEN06-48D12 36 ~ 75 VDC ±12 VDC
±12 ~ ±15 VDC
0mA
±250mA
100mVp-p
15mA
85
±510µF
TEN06-48S05 Derating Curve
TEN06-48S05 Efficiency VS Input Voltage
TEN06-48S05 Efficiency VS Output Current
Figure 1
Note:
1.
BELLCORE TR-NWT-000332. Case 1:50% Stress, temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.
Typical value at nominal input and full load.
3.
Typical value at nominal input and no load.
4.
Typical value at nominal input and full load.
5.
Test by minimum input and constant resistive load.
6.
The following output voltage can be obtained by connecting this terminal to an output + or – terminal. Unless the
output voltage is adjusted, this terminal should be open.
7.
In addition, the voltage can be adjusted not by shorting these terminals, but by connecting them to resistances as
shown below.
8.
Arithmetic expression connected resistance: R ( k
)
8-1 Vo=(3.3*R+36.7)/(R+10)
8-2 Vo=(3.3*R+36.7)/(R+12.92)
8-3 Vo=2.5*[2+2.7/(R+6.8)]
8-4 Vo=2.5*[2-2.7/(R+9.5)]
8-5 Vo=2.5+9.5(R+10.9)/(R+8.2) [Between two outputs] 8-6 Vo=2.5+22*(R+12.7)/(R+10) [Between two outputs]
9.
The TEN06 series standard module meets EN55022 Class A and Class B with external components.
For more detail information, please contact with P-DUKE.
CAUTION: This power module is not internally fused. An input line fuse must always be used.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com