Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEN06 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # TEN06
Description  6 WATTS DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

TEN06 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  TEN06 Datasheet HTML 1Page - RSG Electronic Components GmbH TEN06 Datasheet HTML 2Page - RSG Electronic Components GmbH TEN06 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.pduke.com
2013/5/3
TEN06 SERIES
6 WATTS
DC-DC CONVERTER
INPUT SPECIFICATIONS
Input voltage range
5VDC nominal input
12VDC nominal input
24VDC nominal input
48VDC nominal input
4.5 ~ 9VDC
9 ~ 18VDC
18 ~ 36VDC
36 ~ 75VDC
Input filter
L-C filter
Input surge voltage
100mS max
5VDC input
12VDC input
24VDC input
48VDC input
15VDC 100ms, max.
36VDC 100ms, max.
50VDC 100ms, max.
100VDC 100ms, max.
Remote ON/OFF
See figure 1
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-25ºC ~ +85ºC (with derating)
Operating case temperature range
-25ºC ~ +100ºC
Storage temperature range
-55ºC ~ +125ºC
Cooling
Nature convection
Thermal shock
MIL-STD-810F
Vibration
At no operation, 10~55~10Hz (sweep for 15min.) amplitude
1.5mm constant (maximum 9G X, Y, Z 2hrs each)
Operating humidity range
20% to 95% RH
Storage humidity range
20% to 95% RH
EMC CHARACTERISTICS
EMI (Note 9)
EN55022
Class A, Class B
OUTPUT SPECIFICATIONS
Maximum output power
6 Watts
Voltage accuracy
± 1%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
No load to Full load
± 0.5%
Ripple and noise
50MHz bandwidth
See table
Maximum temperature drift
±0.02% / ºC
Transient response recovery time
25% load step change
500µs
Short circuit protection
Continuous, automatics recovery
Over current protection
150%
OUTPUT VOLTAGE ADJUSTMENT TERMINAL(Vset ) (Note 6)
Model number
Open
-OUTPUT shorted
+OUTPUT shorted
XXS33
XXS05
XXS12
XXD12
3.3VDC
5VDC
12VDC
±12VDC
3.67VDC
6VDC
15VDC
±15VDC
2.84VDC
4.3VDC
-
-
Model number
Open
-OUTPUT connected
with resistance (7)
+OUTPUT connected
with resistance (7)
XXS33
XXS05
XXS12
XXD12
3.3VDC
5VDC
12VDC
±12VDC
3.3 to 3.67VDC
5 to 6VDC
12 to 15VDC
±12 to ±15VDC
(8-1)
(8-3)
(8-5)
(8-6)
3.3 to 2.84VDC
5 to 4.3VDC
-
-
(8-2)
(8-4)
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input (Output) to Case
500 VAC, min. 1minute
500 VAC, min. 1minute
Isolation resistance
Input to Output
Input (Output) to Case
50M ohms, min. 500VDC
50M ohms, min. 500VDC
Isolation capacitance
300 pF, max.
Design meet safety
standard
IEC60950-1, J60950-1, UL60950-1, EN60950-1
Switching frequency
Full load to No load
100k to 1500k Hz
Case material
Metal case
Base material
None
Weight
20.0g (0.71oz)
Dimension
1.61 x 1.02 x 0.33 Inch
(41 x 25.8 x 8.5 mm)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
3.706 x 10
6 hrs
1.679 x 10
6 hrs
T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
• 6 WATTS MAXIMUM OUTPUT POWER
• OUTPUT CURRENT UP TO 1200mA
• PACKAGE, 1.61 x 1.02 x 0.33 INCH
• HIGH EFFICIENCY UP TO 85%
• 2:1 WIDE INPUT VOLTAGE RANGE
• FIVE-SIDED SHIELD
• SWITCHING FREQUENCY 100k TO 1500kHz.
• NO EXTERNAL INPUT AND OUTPUT CAPACITOR NEEDED
• LOW RIPPLE & NOISE
• OVER CURRENT PROTECTION
• SHORT CIRCUIT PROTECTION
• LONG LIFE WITHOUT ELECTROLYTIC CAPACITOR
• CE MARK MEETS 2006/95/EC, 2011/95/EC AND 2004/108/EC
• SAFETY MEETS J60950-1, UL60950-1, EN60950-1 AND IEC60950-1
• ISO9001 CERTIFIED MANUFACTURING FACILITIES
• COMPLIANT TO RoHS EU DIRECTIVE 2011/65/EU
DESCRIPTION
The TEN06 series offer 6 watts of output power from a 1.61 x 1.02 x 0.33 inch
package without derating to 50ºC and without external input/output capacitor. The
TEN06 series with 2:1 wide input voltage of 4.5~9VDC, 9~18VDC, 18~36VDC and
36~75VDC and features 500VAC of isolation, short-circuit protection.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - TEN06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEN06 ETC-TEN06 Datasheet
97Kb / 2P
6 WATTS OUTPUT DC-DC CONVERTER
TEN06-05D12 ETC-TEN06-05D12 Datasheet
97Kb / 2P
6 WATTS OUTPUT DC-DC CONVERTER
logo
Power Mate Technology C...
TEN06-05D12 P-DUKE-TEN06-05D12 Datasheet
306Kb / 3P
6 WATTS MAXIMUM OUTPUT POWER
logo
List of Unclassifed Man...
TEN06-05S05 ETC-TEN06-05S05 Datasheet
97Kb / 2P
6 WATTS OUTPUT DC-DC CONVERTER
logo
Power Mate Technology C...
TEN06-05S05 P-DUKE-TEN06-05S05 Datasheet
306Kb / 3P
6 WATTS MAXIMUM OUTPUT POWER
More results

Similar Description - TEN06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
3 WATTS DC-DC CONVERTER
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
1.5 WATTS DC-DC CONVERTER
TEN06-05D12 ETC-TEN06-05D12 Datasheet
97Kb / 2P
6 WATTS OUTPUT DC-DC CONVERTER
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
132 Watts / 48 Watts DC-DC Converter
logo
Power Mate Technology C...
HEC100 P-DUKE-HEC100 Datasheet
718Kb / 3P
100 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
LCD10W RSG-LCD10W Datasheet
116Kb / 3P
10 WATTS DC-DC CONVERTER
PDL03 RSG-PDL03 Datasheet
179Kb / 3P
3 WATTS DC-DC CONVERTER
TEM03 RSG-TEM03 Datasheet
173Kb / 3P
3 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DCMIE06-HI WALL-DCMIE06-HI Datasheet
392Kb / 6P
6 Watts DC/DC Converter Single and Dual Output
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
6 Watts Single and Dual Outputs DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com