Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2426INS Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # P2426INS
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P2426INS Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button P2426INS Datasheet HTML 17Page - List of Unclassifed Manufacturers P2426INS Datasheet HTML 18Page - List of Unclassifed Manufacturers P2426INS Datasheet HTML 19Page - List of Unclassifed Manufacturers P2426INS Datasheet HTML 20Page - List of Unclassifed Manufacturers P2426INS Datasheet HTML 21Page - List of Unclassifed Manufacturers P2426INS Datasheet HTML 22Page - List of Unclassifed Manufacturers P2426INS Datasheet HTML 23Page - List of Unclassifed Manufacturers P2426INS Datasheet HTML 24Page - List of Unclassifed Manufacturers P2426INS Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
21
I N S U L AT E D T O O L S
JONARD
P/N
DESCRIPTION
INS-180
#1 X 3 Phillips Screwdriver
INS-2100 #2 X 4 Phillips Screwdriver
INS-3150 #3 X 6 Phillips Screwdriver
JONARD
P/N
DESCRIPTION
INS-475
3/32 X 3 Slotted Screwdriver
INS-4100 5/32 X 4 Slotted Screwdriver
INS-6150 1/4 X 6 Slotted Screwdriver
INS-8175 5/16 X 7 Slotted Screwdriver
JONARD
P/N
DESCRIPTION
INP-2065 Long Nose Plier 6 1/2” Long
INP-3062 Diagonal Plier 6 1/4” Long
INP-1072 Lineman’s Combo Plier 7 1/4” Long
JONARD
P/N
DESCRIPTION
INP-4065 Wire Stripper 6 1/2” Long
Jonard Insulated Tools are manufactured to IEC 60900 Standards for
hazardous work environments. Our tools are tested to 10,000 VAC
and rated for 1,000 VAC live use.
INSULATED SCREWDRIVERS-
PHILLIPS HEAD
INSULATED SCREWDRIVERS-
SLOTTED HEAD
INSULATED WIRE STRIPPER
INSULATED PLIERS
1000V
IEC 60900
TK-110INS
TK-70INS
JONARD
P/N
DESCRIPTION
TK-70INS
7 Piece Insulated Screwdriver Set
Screwdriver Set contains:
3 Philips, 4 Slotted as shown below
JONARD
P/N
DESCRIPTION
TK-110INS
11 Piece Insulated Tool Kit
Kit contains: 7 Screwdrivers as
shown plus INP-1072, INP-2065,
INP-3062 & INP- 4065
Care and Use Guide for Insulated Tool
Tools are not recommended for use on energized circuits. Work should only
be performed by qualified professionals. Do not use this tool if the
insulation becomes damaged in any way. Tools must be kept clean and dry.
Always inspect before use.
Do not touch the uninsulated portion of the tool or any conductive object
when either might make contact with an energized source. Always wear
approved eye & clothing protection. Only use tools for their designed
purpose and always follow OSHA 1910.333 (c)(2) and NFPA 70E 2004 when
doing electrical work. Failure to observe proper safety precautions may
result in serious injury or death.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com