Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2426INS Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # P2426INS
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P2426INS Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button P2426INS Datasheet HTML 5Page - List of Unclassifed Manufacturers P2426INS Datasheet HTML 6Page - List of Unclassifed Manufacturers P2426INS Datasheet HTML 7Page - List of Unclassifed Manufacturers P2426INS Datasheet HTML 8Page - List of Unclassifed Manufacturers P2426INS Datasheet HTML 9Page - List of Unclassifed Manufacturers P2426INS Datasheet HTML 10Page - List of Unclassifed Manufacturers P2426INS Datasheet HTML 11Page - List of Unclassifed Manufacturers P2426INS Datasheet HTML 12Page - List of Unclassifed Manufacturers P2426INS Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
9
SPECIALTY PLIERS
SLIP JOINT SIDE CUT PLIERS
For heavy-duty use. Polished head, red plastic handles
and flush bolt. Machined gripping teeth and 3/8” hardened
wire cutter.
FLUSH CUT PLIERS
A close cutting plier used to trim conductors from the 710
connector modules without leaving exposed conductors.
Ideal for close trimming of gates and sprue on injection
molded plastic parts. Jaw design aids in use in confined areas.
Turquoise color handle. Plier made from chrome vanadium
steel.
BCOMB
PLS-5
JIC-453
HEAT COIL PLIERS
Designed for installing and extracting heat coils, fuses from
line amplifiers and other cylindrical shaped components. The
thin nosed jaw allows easy access to tight restricted areas.
Yellow plastic handle.
JIC-750
3/ 4” COAX CABLE CUTTER
Also known as a Banana Cutter, this cutter is designed to cut
3/ 4” coaxial cable. Tool cuts cleanly without compressed or
frayed ends. Functions like a tube cutter – eliminates cable
distortion during cable prep. NOT designed to cut steel cable.
Yellow plastic handles.
JONARD
LENGTH
JAW
JAW
JAW
PART NO.
LENGTH
WIDTH
THICKNESS
JIC-453
4 1/2”
5/8”
7/16”
1/4”
JONARD
LENGTH
JAW
JAW
JAW
PART NO.
LENGTH
WIDTH
THICKNESS
PLS-5
5”
1 13/16”
1/2”
5/16”
JONARD
LENGTH
JAW
JAW
PART NO.
LENGTH
WIDTH
JIC-750
8 3/4”
1 1/4”
5/8””
JONARD
LENGTH
JAW
JAW
JAW
CUTTER
PART NO.
LENGTH
WIDTH
THICKNESS
LENGTH
BCOMB
7 5/8”
1 3/4”
1 1/4”
3/8”
3/8”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com