Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4962 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AM4962
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4962 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AM4962 Datasheet HTML 7Page - Diodes Incorporated AM4962 Datasheet HTML 8Page - Diodes Incorporated AM4962 Datasheet HTML 9Page - Diodes Incorporated AM4962 Datasheet HTML 10Page - Diodes Incorporated AM4962 Datasheet HTML 11Page - Diodes Incorporated AM4962 Datasheet HTML 12Page - Diodes Incorporated AM4962 Datasheet HTML 13Page - Diodes Incorporated AM4962 Datasheet HTML 14Page - Diodes Incorporated AM4962 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962
Apr. 2011
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
11
0
10
203040
506070
8090
100
0
20
40
60
80
100
Max. Duty Cycle
Input PWM Duty Cycle (%)
Min. Duty Cycle
Slope K
OUT2
OUT1
VCC
GND
VMIN
CT
PWM
RADJ
CF
HIN-
FG
HB
RD
HIN+
Hall
AM4962
D1
C1
1
μF
VCC
L1
C3
1
μF
C2
0.47
μF
1 (1)
PGND
V+
2 (3)
3 (4)
4 (5)
5 (6)
6 (7)
7 (8)
8 (9)
9 (10)
10 (11)
11 (12)
12 (13)
13 (14)
14 (15)
Typical Application (Note 4)
Figure 10
Application 1 (Default)
R1
R2
D3
OUT2
OUT1
VCC
GND
VMIN
CT
PWM
RADJ
CF
HIN-
FG
HB
RD
HIN+
Hall
AM4962
D1
C1
1 F
VCC
L1
C3
1 F
C2
0.47 F
1 (1)
PGND
R3
R4
V+
R5
R6
V+
2 (3)
3 (4)
4 (5)
5 (6)
6 (7)
7 (8)
8 (9)
9 (10)
10 (11)
11 (12)
12 (13)
13 (14)
14 (15)
D2
Application 2 (Slope K and Minimum/Maximum Duty Adjustable)
Note: D2 and D3 are recommended to be used when the current in coil L1 is higher than 300mA.
Figure 11. Typical Applications of AM4962



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com