Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4962 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AM4962
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4962 Datasheet(HTML) 4 Page - Diodes Incorporated

  AM4962 Datasheet HTML 1Page - Diodes Incorporated AM4962 Datasheet HTML 2Page - Diodes Incorporated AM4962 Datasheet HTML 3Page - Diodes Incorporated AM4962 Datasheet HTML 4Page - Diodes Incorporated AM4962 Datasheet HTML 5Page - Diodes Incorporated AM4962 Datasheet HTML 6Page - Diodes Incorporated AM4962 Datasheet HTML 7Page - Diodes Incorporated AM4962 Datasheet HTML 8Page - Diodes Incorporated AM4962 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962
Apr. 2011
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
4
Functional Block Diagram
Lock Shutdown
and
Auto Restart
Hall
Bias
Thermal
Shutdown
Hysteresis Amp
Control
Circuit
Triangle Wave
CT
VCC
RADJ
HB
HIN+
HIN-
VMIN
PWM
CF
GND
PGND
OUT1
OUT2
RD
FG
1 (1)
Pre-
driver
V+
2 (3)
3 (4)
4 (5)
5 (6)
6 (7)
7 (8)
8 (9)
9 (10)
10 (11)
11 (12)
12 (13)
13 (14)
14 (15)
(16)
V+
V+
V+
104k
42k
90k
54k
51k
56k
93k
18k
A (B)
A
HTSSOP-14
B
SSOP-16
Figure 3. Functional Block Diagram of AM4962
Truth Table (Note 1)
Items
IN-
IN+
CF
CT
OUT1
OUT2
FG
Mode
1
H
L
H
L
L
Rotation
2
L
H
L
L
H
Off
PWM off
3
H
L
Off
L
L
Rotation Recirculate
4
L
H
H
L
L
Off
Off
PWM off
5
H
L
H
Off
L
6
L
H
L
H
Off
H
Off
Lock Protection
Note 1: VCF(H)=5V, VCF(L) =1V, VCT(H)=5V, VCT(L) =0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com