Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4964GG Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AM4964GG
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4964GG Datasheet(HTML) 1 Page - Diodes Incorporated

  AM4964GG Datasheet HTML 1Page - Diodes Incorporated AM4964GG Datasheet HTML 2Page - Diodes Incorporated AM4964GG Datasheet HTML 3Page - Diodes Incorporated AM4964GG Datasheet HTML 4Page - Diodes Incorporated AM4964GG Datasheet HTML 5Page - Diodes Incorporated AM4964GG Datasheet HTML 6Page - Diodes Incorporated AM4964GG Datasheet HTML 7Page - Diodes Incorporated AM4964GG Datasheet HTML 8Page - Diodes Incorporated AM4964GG Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
AM4964
Document number: DS37241 Rev. 2 - 2
1 of 21
www.diodes.com
June 2014
© Diodes Incorporated
AM4964
A Product Line of
Diodes Incorporated
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Description
The AM4964 is highly integrated feature rich single phase Brushless
Direct Current (BLDC) full wave motor driver with combined PWM and
temperature speed control function for fans, blowers and extractors.
For system flexibility, the motor speed can be controlled by an
external PWM signal and temperature sensed by Thermal resister at
the same time. Based on external input PWM and temperature
signals, the AM4964 adjusts the output PWM duty cycle. If the input
PWM duty is constant, the output PWM duty varies with temperature
sensed by Thermal resister sensor between the low and high
temperature corners. If the temperature signal is constant, the output
duty varies with the external input PWM duty. The low and high
temperature corners and the output PWM duty gap between these
temperature corners are adjustable
To help protect the motor coil, the AM4964 provides a rotor lock
protection which shuts down the output if rotor lock is detected. The
device automatically re-starts when the rotor lock is removed.
AM4964
provides
a
tachometer
output
Frequency
Generator
(FG). The FG output is the magnetic change frequency.
The AM4964 is available in TSSOP-20EP package.
Features
Flexible Speed Control Options
Combined PWM+Thermistor Speed Control
PWM Speed Control
DC Voltage Speed Control
Adjustable Low and High Temperature Corners
Full Speed When Thermal Resistor is Shorted
Adjustable
Output
Duty
Gap
between
High
and
Low
Temperature when 100% PWM Input
Built-in oscillator
– No external capacitor
Built-in Minimal Speed Setup Circuit
Alpha Slope Adjustable
Rotation Speed Indicator (FG)
Built-in Temperature Control Circuit
Built-in Thermal Shutdown Circuit
Lock Protection and Auto-restart
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Pin Assignments
(Top View)
NC
PGND
OUT2
VCC
VMIN
PWM
CF
FG
RT
TL
IN+
HB
IN-
RADJ
CT
SGND
TH
TA
OUT1
NC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TSSOP-20EP
Applications
CPU Cooler Fan in PC
Brushless DC Motor Driver
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AM4964GG

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4964NT ANALOGPOWER-AM4964NT Datasheet
361Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results

Similar Description - AM4964GG

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
Single Phase Full Wave Direct PWM Motor Driver
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
Single Phase Full Wave Direct PWM Motor Driver
Rev 1
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Rev 1
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Rev 2
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Diodes Incorporated
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com