Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4953 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AM4953
Description  BTL Drive Single-phase Full-wave Fan Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4953 Datasheet(HTML) 5 Page - Diodes Incorporated

  AM4953 Datasheet HTML 1Page - Diodes Incorporated AM4953 Datasheet HTML 2Page - Diodes Incorporated AM4953 Datasheet HTML 3Page - Diodes Incorporated AM4953 Datasheet HTML 4Page - Diodes Incorporated AM4953 Datasheet HTML 5Page - Diodes Incorporated AM4953 Datasheet HTML 6Page - Diodes Incorporated AM4953 Datasheet HTML 7Page - Diodes Incorporated AM4953 Datasheet HTML 8Page - Diodes Incorporated AM4953 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4953
Apr. 2012
Rev. 1. 5
BCD Semiconductor Manufacturing Limited
5
Absolute Maximum Ratings (Note 1, TA=25ºC)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
20
V
Peak Output Current
IOUT
800
mA
FG/RD Pull-up Voltage
VFG/VRD
15
V
FG/RD Output Current
IFG/IRD
10
mA
Thermal Resistance
(Junction to Ambient)
θ
JA
MSOP-10
195
°C/W
MSOP-8
205
SSOP-10
155
SOIC-8
160
PSOP-8
110
Thermal Resistance
(Junction to Case)
θ
JC
MSOP-10
46
°C/W
MSOP-8
48
SSOP-10
39
SOIC-8
40
PSOP-8
36
Power Dissipation
PD
MSOP-10
585
mW
MSOP-8
SSOP-10
800
SOIC-8
780
PSOP-8
960
Operating Temperature
TOP
-40 to 125
ºC
Storage Temperature
TSTG
-55 to 150
ºC
ESD (Human Body Model)
ESD
4000
V
ESD (Machine Model)
ESD
200
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.2
16
V
Hall Input Voltage
VICM
0
VCC-1.5
V
Operating Ambient Temperature
TA
-40
105
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com