Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4953 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AM4953
Description  BTL Drive Single-phase Full-wave Fan Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4953 Datasheet(HTML) 1 Page - Diodes Incorporated

  AM4953 Datasheet HTML 1Page - Diodes Incorporated AM4953 Datasheet HTML 2Page - Diodes Incorporated AM4953 Datasheet HTML 3Page - Diodes Incorporated AM4953 Datasheet HTML 4Page - Diodes Incorporated AM4953 Datasheet HTML 5Page - Diodes Incorporated AM4953 Datasheet HTML 6Page - Diodes Incorporated AM4953 Datasheet HTML 7Page - Diodes Incorporated AM4953 Datasheet HTML 8Page - Diodes Incorporated AM4953 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4953
Apr. 2012
Rev. 1. 5
BCD Semiconductor Manufacturing Limited
1
General Description
The AM4953 is a single-phase BTL output fan motor
driver
designed
by
bipolar
process.
This
IC
features high efficiency, silent operation and includes
lock shutdown and automatic restart functions. When
the
motor
is
under
lock
condition,
the
lock
shutdown function turns off the output current. When
the
lock condition
is
removed,
the
IC
will
restart automatically and allow DC fan to run. It is
applied for high reliability and low noise application,
such as personal computers, notebook, car audio,
CPU
cooling
systems
and
power
supplies
in
consumer electronics systems.
The AM4953 is available in MSOP-10, SSOP-10,
MSOP-8, SOIC-8 and PSOP-8 packages.
Features
•
BTL Output Single-phase Full-wave Linear
Drive (Gain Resistor=1k to 360k
Ω, Gain=51dB)
•
Support Low-voltage Drive and Feature a Wide
Usable Voltage Range (2.2V to 16V)
•
Low Saturation Output (High Side and Low Side
Saturation Voltage): VSAT_TOTAL=1.2V (typical,
IOUT=300mA)
•
Built-in Lock Protection and Automatic Restart
Circuits
•
Built-in FG/RD Output
•
Built-in Hall Sensor Bias (VHB=1.45V)
•
Thermal Protection Circuit
•
Small-sized, High Thermal Capacity Package
Applications
•
Notebook, Personal Computers
•
Power Supplies in Consumer Electronics, Car
Audio
•
CPU Cooling Systems
MSOP-10
SSOP-10
MSOP-8
SOIC-8
PSOP-8
Figure 1. Package Types of AM4953


Similar Part No. - AM4953

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4953 BCDSEMI-AM4953 Datasheet
459Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
logo
AiT Semiconductor Inc.
AM4953 AITSEMI-AM4953 Datasheet
801Kb / 9P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV3.0
logo
AXElite technology co. ...
AM4953 AXELITE-AM4953 Datasheet
1Mb / 6P
-30V Dual P-Channel Enhancement Mode MOSFET
Rev.1.1 Sep.14, 2012
logo
BCD Semiconductor Manuf...
AM4953FM-G1 BCDSEMI-AM4953FM-G1 Datasheet
459Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4953FMP-G1 BCDSEMI-AM4953FMP-G1 Datasheet
459Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
More results

Similar Description - AM4953

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
BTL Driver Single-Phase Full-Wave Fan Motor Driver
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6595T SANYO-LA6595T Datasheet
77Kb / 4P
BTL Drive Single-Phase Full-Wave Fan Motor Driver
logo
BCD Semiconductor Manuf...
AM4951 BCDSEMI-AM4951 Datasheet
180Kb / 3P
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
404Kb / 14P
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4953 BCDSEMI-AM4953 Datasheet
459Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Diodes Incorporated
AM4951 DIODES-AM4951 Datasheet
365Kb / 14P
BTL Drive Single-phase Full-wave Fan Motor Driver
Rev 1
logo
ON Semiconductor
ENA1443 ONSEMI-ENA1443 Datasheet
77Kb / 4P
BTL Drive Single-Phase Full-Wave Fan Motor Driver
May, 2013
LA6595DM ONSEMI-LA6595DM Datasheet
170Kb / 5P
BTL Drive Single-Phase Full-Wave Fan Motor Driver
January, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com