Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF15N50 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AF15N50
Description  50V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AF15N50 Datasheet(HTML) 2 Page - Diodes Incorporated

  AF15N50 Datasheet HTML 1Page - Diodes Incorporated AF15N50 Datasheet HTML 2Page - Diodes Incorporated AF15N50 Datasheet HTML 3Page - Diodes Incorporated AF15N50 Datasheet HTML 4Page - Diodes Incorporated AF15N50 Datasheet HTML 5Page - Diodes Incorporated AF15N50 Datasheet HTML 6Page - Diodes Incorporated AF15N50 Datasheet HTML 7Page - Diodes Incorporated AF15N50 Datasheet HTML 8Page - Diodes Incorporated AF15N50 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Data Sheet
50V N-Channel MOSFET
AF15N50
Aug. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
2
Pin Configuration
DNP Package
(PDFN-5×6-8)
Option 1
Option 2
Figure 2. Pin Configuration of AF15N50 (Top View)
Internal Structure
Figure 3. Internal Structure of AF15N50



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com