Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF15N50 Datasheet (PDF) - Diodes Incorporated

AF15N50 Datasheet PDF - Diodes Incorporated
Part # AF15N50
Download  AF15N50 Download
File Size   252.84 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 50V N-Channel MOSFET

AF15N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
AF15N50 Datasheet PDF - Diodes Incorporated

Part # AF15N50
Download  AF15N50 Click to download

File Size   252.84 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 50V N-Channel MOSFET

AF15N50 Datasheet (HTML) - Diodes Incorporated




Similar Part No. - AF15N50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF15 ETC2-AF15 Datasheet
85Kb / 1P
CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
National Semiconductor ...
AF151 NSC-AF151 Datasheet
268Kb / 9P
DUAL UNIVERSAL ACTIVE FILTER
AF151-1CJ NSC-AF151-1CJ Datasheet
268Kb / 9P
DUAL UNIVERSAL ACTIVE FILTER
AF151-2CJ NSC-AF151-2CJ Datasheet
268Kb / 9P
DUAL UNIVERSAL ACTIVE FILTER
logo
Knowles Electronics
AF15HV KNOWLES-AF15HV Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
More results


Similar Description - AF15N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT100N05 UTC-UTT100N05 Datasheet
129Kb / 3P
100A, 50V N-CHANNEL POWER MOSFET
logo
GOOD-ARK Electronics
BSS138 GOOD-ARK-BSS138_15 Datasheet
839Kb / 7P
50V N-Channel MOSFET
logo
Diodes Incorporated
DMT5015LFDF DIODES-DMT5015LFDF Datasheet
353Kb / 6P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
GOOD-ARK Electronics
BSS138 GOOD-ARK-BSS138 Datasheet
839Kb / 7P
50V N-Channel MOSFET
logo
KIA Semiconductor Techn...
6N65H KIA-6N65H Datasheet
281Kb / 5P
5.5A竊?50V N-CHANNEL MOSFET
65R300 KIA-65R300 Datasheet
380Kb / 6P
15A竊?50V N-CHANNEL MOSFET
logo
AiT Semiconductor Inc.
BSS138L AITSEMI-BSS138L Datasheet
478Kb / 6P
POWER MOSFET 0.2A, 50V N-CHANNEL
REV2.0
logo
Diodes Incorporated
BSS138K DIODES-BSS138K Datasheet
509Kb / 7P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
October 2019
DMN52D0LT DIODES-DMN52D0LT Datasheet
698Kb / 8P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 2 - 2
DMN52D0UVA DIODES-DMN52D0UVA Datasheet
588Kb / 8P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
December 2022 Rev. 3 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com