Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD5000 Datasheet(PDF) 2 Page - Calogic, LLC

Part # SD5000
Description  High-Speed DMOS Quad FET Analog Switch Arrays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SD5000 Datasheet(HTML) 2 Page - Calogic, LLC

  SD5000 Datasheet HTML 1Page - Calogic, LLC SD5000 Datasheet HTML 2Page - Calogic, LLC SD5000 Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD5000 / SD5001 / SD5002
SD5400 / SD5401 / SD5402
DC ELECTRICAL CHARACTERISTICS TA = 25
oC
SYMBOL
PARAMETERS
SD5000/SD5400
SD5001/SD5401
SD5002/SD5402
UNITS
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP MAX
Vanalog
Analog Signal Range
-10
+10
-5
+5
-7.5
+7.5
V
Breakdown Voltage
BVDS
BVSD
BVDB
BVSB
Drain-Source
Source-Drain
Drain-Body
Source-Body
20
20
25
25
25
10
10
15
15
25
15
15
22.5
22.5
25
V
VGS = VBS = -5V, ID = 10nA
VGD = VBD = -5V, IS = 10nA
VGB = 0V, ID = 10nA Source Open
VGB = 0V, IS = 10
µA, Drain Open
Leakage Current - SD5000/SD5400
IDS(OFF)
ISD(OFF)
IGBS
Drain-Source
Source-Drain
Gate
1.0
1.0
10.0
10.0
1.0
nA
nA
µA
VGS = VBS = -5V, VDS = 20V
VGD = VBD = -5V, VSD = 20V
VDB = VSB = 0V, VGB = 30V
Leakage Current - SD5001/SD5401
IDS(OFF)
ISD(OFF)
IGBS
Drain-Source
Source-Drain
Gate
1.0
1.0
10.0
10.0
1.0
nA
nA
µA
VGS = VBS = -5V, VDS = 10V
VGD = VBD = -5V, VSD = 10V
VDB = VSB = 0V, VGB = 25V
Leakage Current - SD5002/SD5402
IDS(OFF)
ISD(OFF)
IGBS
Drain-Source
Source-Drain
Gate
1.0
1.0
10.0
10.0
1.0
nA
nA
µA
VGS = VBS = -5V, VDS = 15V
VGD = VBD = -5V, VSD = 15V
VDB = VSB = 0V, VGB = 30V
VT
Threshold Voltage
0.1
1.0
2.0
0.1
1.0
2.0
0.1
1.0
2.0
V
VDS = VGS = VT, VSB = 0V, ID = 1
µA
RDS(ON)
Drain-Source ON
Resistance
50
30
23
19
70
50
30
23
19
70
50
30
23
19
70
Ω
VGS = 5V, VSB = 0V, ID = 1mA
VGS = 10V, VSB = 0V, ID = 1mA
VGS = 15V, VSB = 0V, ID = 1mA
VGS = 20V, VSB = 0V, ID = 1mA
RDS(ON)
Match ON Resiatance
1
5
1
5
1
5
Ω
VGS = 5V
AC ELECTRICAL CHARACTERISTICS TA = 25
oC
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
gfs
Forward Transconductance
10
12
mS
VDS = 10V, ID = 20mA, VSB = 0V, f = 1kHz
Capacitances
CG
CD
CS
CDG
Gate Node
Drain Node
Source Node
Reverse Transfer
2.4
1.3
3.5
0.3
3.5
1.5
4.0
0.5
pF
VDS = 10V, f = 1MHz, VGS = VBS = -15V
CT
Crosstalk
107.0
dB
f = 3kHz, RG = 600
Ω
CALOGIC LLC, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
DS063 REV A
LLC
SWITCHING CHARACTERISTICS TA = 25
oC
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
td(ON)
Turn-On Time
0.7
1.0
nsec
RL = 680
Ω, RG = 51
VDD = 5V
VG(ON) = 10V
tr
Rise Time
0.8
1.0
tOFF*
Turn-Off Time
10.0
*tOFF is dependent on RL and C and does not depend on the device characteristics.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com