Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD5000 Datasheet(PDF) 1 Page - Calogic, LLC

Part # SD5000
Description  High-Speed DMOS Quad FET Analog Switch Arrays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SD5000 Datasheet(HTML) 1 Page - Calogic, LLC

  SD5000 Datasheet HTML 1Page - Calogic, LLC SD5000 Datasheet HTML 2Page - Calogic, LLC SD5000 Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High-Speed DMOS Quad FET
Analog Switch Arrays
SD5000 / SD5001 / SD5002
SD5400 / SD5401 / SD5402
FEATURES
•• Low PropagatiomTime . . . . . . . . . . . . . . . . . . . . 600 psec
•• Low On Resistance
•• Low Insertion Loss
•• Low Capacitance:
– Analog Input . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5pF typ.
– Input (Gate) . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4pF typ.
– Output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3pF typ.
– Feedback. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3pF typ.
•• Low Crosstalk . . . . . . . . . . . . . . . . . . . . . -107dB @ 3kHz
•• Bidirectional Operation
APPLICATIONS
•• Analog Switching
•• Audio Routing
•• Sample & Hold
•• Crosspoint Switches
•• Choppers
•• Video Switches
DESCRIPTION
The SD5000 Series are monolithic arrays of four bidirectional,
high
performance
analog
switches
manufactured
with
implanted high-speed, high-voltage and low resistance
double-difused MOS (DMOS) process.
The maximum
threshold of 2V permits simple TTL and CMOS driving in
small signal applications.
ORDERING INFORMATION
Part
Package
Temperature Range
SD5000N
Plastic DIP Package
-55
oC to +150oC
SD5001N
Plastic DIP Package
-55
oC to +150oC
SD5002N
Plastic DIP Package
-55
oC to +150oC
XSD5000
Sorted Chips in Carriers
-55
oC to +150oC
XSD5001
Sorted Chips in Carriers
-55
oC to +150oC
XSD5002
Sorted Chips in Carriers
-55
oC to +150oC
SD5400CY
SOIC-14
-55
oC to +150oC
SD5401CY
SOIC-14
-55
oC to +150oC
SD5402CY
SOIC-14
-55
oC to +150oC
XSD5400
Sorted Chips in Carriers
-55
oC to +150oC
XSD5401
Sorted Chips in Carriers
-55
oC to +150oC
XSD5402
Sorted Chips in Carriers
-55
oC to +150oC
LLC
CALOGIC LLC, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
DS063 REV A
FUNCTIONAL BLOCK DIAGRAM
SOIC PIN CONFIGURATION
DUAL IN LINE PACKAGE (PDIP)
SUBSTRATE
1
S
2
S
3
S
4
S
D
4
4
G
D
3
3
G
D
2
2
G
D
1
1
G
1Q-20
TOP VIEW
S
S
G
D
NC
D
G
BODY
16
15
14
13
12
11
10
9
D
NC
G
S
S
G
NC
D
1Q-22
4
4
4
3
3
3
1
1
1
2
2
2
1
2
3
4
5
6
7
8
TOP VIEW
S
S
G
D
G
BODY
14
13
12
11
10
9
D
G
S
S
G
NC
D
1Q-21
4
4
4
3
3
3
1
1
1
2
2
1
2
3
4
5
6
7
D2
8


Similar Part No. - SD5000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD5000 STMICROELECTRONICS-SD5000 Datasheet
43Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Nov-1992
logo
Calogic, LLC
SD5000 CALOGIC-SD5000 Datasheet
37Kb / 3P
High-Speed DMOS Quad FET Analog Switch Arrays
logo
Linear Integrated Syste...
SD5000 LINEAR-SD5000 Datasheet
505Kb / 3P
QUAD N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SD5000 LINEAR-SD5000 Datasheet
226Kb / 4P
QUAD N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
logo
Micross Components
SD5000 MICROSS-SD5000 Datasheet
253Kb / 1P
Quad N-Channel Enhancement Mode DMOS Lateral Switches
More results

Similar Description - SD5000

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB2214 CALOGIC-CWB2214 Datasheet
39Kb / 4P
CMOS/DMOS High Speed Analog Switch
SD5000 CALOGIC-SD5000 Datasheet
37Kb / 3P
High-Speed DMOS Quad FET Analog Switch Arrays
logo
Maxim Integrated Produc...
HI-201HS MAXIM-HI-201HS Datasheet
213Kb / 8P
High-Speed, CMOS, Quad, SPST Analog Switch
19-0117; Rev 1; 11/94
MAX334 MAXIM-MAX334 Datasheet
126Kb / 4P
High Speed Quad SPST Analog Switch
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
357Kb / 2P
HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
logo
Vishay Siliconix
DG201HS VISHAY-DG201HS Datasheet
109Kb / 9P
High-Speed Quad SPST CMOS Analog Switch
06-Sep-99
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Calogic, LLC
SD5400CY CALOGIC-SD5400CY_15 Datasheet
45Kb / 3P
High-Speed DMOS Quad FET Analog Switch Arrays
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
High Speed Quad SPST CMOS Analog Switch
23-Feb-2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com