Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE121LR Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # BLE121LR
Description  Bluetooth v. 4.0 Single Mode Compliant
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLE121LR Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BLE121LR Datasheet HTML 7Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 8Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 9Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 10Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 11Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 12Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 13Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 14Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Bluegiga Technologies Oy
Page 11 of 29
3 Electrical Characteristics
3.1 Absolute Maximum Ratings
Note: These are absolute maximum ratings beyond which the module can be permanently damaged. These are not
maximum operating conditions. The maximum recommended operating conditions are in the Table 7.
Rating
Min
Max
Unit
Storage Temperature
-40
+85
°C
AVDD, DVDD
-0.3
3.9
V
Other Terminal Volatages
VSS-0.4
VDD+0.4
V
Table 6: Absolute Maximum Ratings
3.2 Recommended Operating Conditions
Rating
Min
Max
Unit
Operationg Temperature Range
-40
+85
°C
AVDD, DVDD (*,**,***
2.0
3.6
V
Table 7: Recommended Operating Conditions
*)
All supply nets must have the same voltage
**)
Supply voltage noise should be less than 10mVpp. Excessive noise at the supply voltage will reduce the
RF performance.
***) The supply voltage has an impact on the TX power, see Figure 7.
3.3 DC Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
Logic-0 input voltage
0.5
V
Logic-1 input voltage
DVDD =3V0
2.5
V
Logic-0 input current
Input equals 0V
-50
50
nA
Logic-1 input current
Input equals VDD
-50
50
nA
I/O pin pull-up and pull-down resistors
20
kΩ
For detailed I/O terminal characteristic and timings refer to the CC2541 datasheet available in
(http://www.ti.com/lit/ds/symlink/cc2541.pdf)
Table 8: DC Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com