Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE121LR Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # BLE121LR
Description  Bluetooth v. 4.0 Single Mode Compliant
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLE121LR Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  BLE121LR Datasheet HTML 1Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 2Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 3Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 4Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 5Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 6Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 7Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 8Page - List of Unclassifed Manufacturers BLE121LR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Bluegiga Technologies Oy
BLE121LR Bluetooth® Smart Module
DESCRIPTION
BLE121LR is a Bluetooth Smart Long Range
module
targeted
for
Bluetooth Smart
applications
where the best possible RF
performance and range are required. At +8
dBm TX power and -98 dBm sensitivity
BLE121LR has best-in-class RF performance
and can provide
Bluetooth Smart connectivity
up to 450 meters. BLE121LR integrates all
features
required
for
a
Bluetooth Smart
application:
Bluetooth radio,
software
stack
and GATT based profiles. and it can also host
end
user
applications,
which
means
no
external micro controller is required in size,
price
or
power
constrained
devices.
BLE121LR
Bluetooth Smart module also has
flexible hardware interfaces to connect to
different peripherals or
sensors. Although
BLE121LR
Bluetooth Smart
Long
Range
Module is target for applications requiring high
RF performance, it is still has relatively low
power consumption and can be power using a
standard 3V coin cell batteries.
APPLICATIONS:
Smart home accessories
beacon devices
Health and fitness sensors
Medical sensors
iPhone and iPad accessories
Security and proximity tags
KEY FEATURES:
Bluetooth v. 4.0 Single Mode Compliant
o
Master and slave modes
o
Up to eight connections
Integrated Bluetooth Smart Stack
o
GAP, ATT and GATT
o
Bluetooth Smart profiles
Best-in-Class RF Performance
o
Transmit power : +8 dBm
o
Receiver sensitivity: -98 dBm
o
Range up to 450 meters
Low Current Consumption
o
Transmit: 36 mA (+8 dBm)
o
Receive: 33 mA (-98 dBm)
o
Power mode 3: 0.5 uA
Flexible Peripheral Interfaces
o
UART and SPI
o
I2C, PWM and GPIO
o
12-bit ADC
Host Interfaces:
o
UART
Programmable 8051 Processor for
Stand-alone Operation
o
Simple Bluegiga BGScript
TM
scripting language for quick
application development
o
Bluegiga Profile Toolkit
TM
allowing the quick development
of GATT based profiles
Dimensions: 14.7 x 13.0 x 1.8 mm
Bluetooth, CE, FCC, IC, South Korea
and Japan qualified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com