Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP10 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # DSP10
Description  7.5W to 100W Low Profile 7.5W to 100W Low Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DSP10 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  DSP10 Datasheet HTML 1Page - RSG Electronic Components GmbH DSP10 Datasheet HTML 2Page - RSG Electronic Components GmbH DSP10 Datasheet HTML 3Page - RSG Electronic Components GmbH DSP10 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DSP Series
2
Model Selector
Model
Voltage
Voltage
Current
Power
Efficiency
HoldUp Time
(V)
Adjust (V)
(A)
(W)
(Typ %)
115VAC in (ms)
DSP10-5
5
None
1.5
7.5
74
10
DSP30-5
5
5 - 5.5
3.0
15.0
74
25
DSP60-5
5
5 - 5.5
7.0
35.0
80
16
DSP10-12
12
None
0.83
10.0
78
10
DSP30-12
12
12 - 14
2.1
25.2
82
25
DSP60-12
12
12 - 14
4.5
54.0
84
16
DSP100-12
12
12 - 14
6.0
72.0
82
16
DSP10-15
15
None
0.67
10.1
78
60
DSP30-15
15
13.5 - 16.5
2.0
30.0
83
25
DSP60-15
15
13.5 - 16.5
4.0
60.0
85
12
DSP100-15
15
13.5 - 16.5
5.0
75.0
85
16
DSP10-24
24
None
0.42
10.1
80
60
DSP30-24
24
24 - 28
1.3
31.2
83
25
DSP60-24
24
24 - 28
2.5
60.0
86
12
DSP100-24/C2
24
20 -24.2
3.8
91.2
89
10
DSP100-24
24
24 - 28
4.2
100.8
85
10
mm [inch]
14.20
9.75
43.1
91.00
18.00
1 2
LN
34
Outline Drawing DSP10 Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com