Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP10 Datasheet (PDF) - RSG Electronic Components GmbH

DSP10 Datasheet PDF - RSG Electronic Components GmbH
Part # DSP10
Download  DSP10 Download
File Size   462.59 Kbytes
Page   4 Pages
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH
Description 7.5W to 100W Low Profile 7.5W to 100W Low Profile

DSP10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP10 Datasheet PDF - RSG Electronic Components GmbH

Part # DSP10
Download  DSP10 Click to download

File Size   462.59 Kbytes
Page   4 Pages
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH
Description 7.5W to 100W Low Profile 7.5W to 100W Low Profile

DSP10 Datasheet (HTML) - RSG Electronic Components GmbH


DSP10 Product details

7.5W to 100W Low Profile Din Rail Mount Power Supplies

• Low Profile for Building Automation
• 5V to 24V Outputs
• Wide Range AC Input
• -25°C to +71°C Operation
• Convection Cooled
• UL1310 Class 2
• Class II Double Insulation

DSP Features and Benefits
Features
• Low 56mm Profile
• Wide Range AC
• Convection cooled

Benefits
• Fits into wall mounted cabinets
• Global use with no input selector switches
• No system fan required




Similar Part No. - DSP10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DSP10 SANYO-DSP10 Datasheet
16Kb / 2P
Power Rectifier
logo
RSG Electronic Componen...
DSP10-12 RSG-DSP10-12 Datasheet
274Kb / 3P
7.5W to 100W Low Profile Din Rail Mount Power Supplies
logo
TDK Electronics
DSP10-12 TDK-DSP10-12 Datasheet
203Kb / 1P
AC-DC Power Supplies
June 07, 2022
logo
RSG Electronic Componen...
DSP10-15 RSG-DSP10-15 Datasheet
274Kb / 3P
7.5W to 100W Low Profile Din Rail Mount Power Supplies
logo
TDK Electronics
DSP10-15 TDK-DSP10-15 Datasheet
203Kb / 1P
AC-DC Power Supplies
June 07, 2022
More results


Similar Description - DSP10

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7134NR PANASONIC-AN7134NR Datasheet
273Kb / 5P
DUAL 7.5W AUDIO POWER AMPLIFIER
AN7135 PANASONIC-AN7135 Datasheet
60Kb / 4P
Dual 7.5W Low Frequency Power Amplifier Circuit
AN7158N PANASONIC-AN7158N Datasheet
89Kb / 4P
Dual 7.5W Audio Power Amplifier Circuit
logo
M.S. Kennedy Corporatio...
DHD2805S MSK-DHD2805S Datasheet
228Kb / 7P
7.5W DC-DC CONVERTER
logo
List of Unclassifed Man...
MHP100 ETC1-MHP100 Datasheet
876Kb / 2P
100W TO-247 HIGH POWER RESISTORS
logo
RSG Electronic Componen...
DSP10-5 RSG-DSP10-5 Datasheet
274Kb / 3P
7.5W to 100W Low Profile Din Rail Mount Power Supplies
logo
Anaren Microwave
DHD2805S ANAREN-DHD2805S Datasheet
224Kb / 7P
7.5W DC-DC CONVERTER
logo
Ohmite Mfg. Co.
AP101 OHMITE-AP101_15 Datasheet
338Kb / 2P
100W TO-247 High Power Resistors
logo
Mitsumi Electronics, Co...
ADP-W6 MITSUMI-ADP-W6 Datasheet
75Kb / 2P
7.5W Wall mount type AC adaptor
logo
HY-LINE Power Component...
P8Y90S05HD HY-LINE-P8Y90S05HD Datasheet
77Kb / 1P
7.5W DC-DC Converter P8Y90S05HD
Rev: 05 / 05 f
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com