Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2133 Datasheet(PDF) 21 Page - International Rectifier

Part # IR2133
Description  Floating channel designed for bootstrap operation Fully operational to 600V or1200V Tolerant to negative transient voltage dV/dt immune
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2133 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR2133 Datasheet HTML 17Page - International Rectifier IR2133 Datasheet HTML 18Page - International Rectifier IR2133 Datasheet HTML 19Page - International Rectifier IR2133 Datasheet HTML 20Page - International Rectifier IR2133 Datasheet HTML 21Page - International Rectifier IR2133 Datasheet HTML 22Page - International Rectifier IR2133 Datasheet HTML 23Page - International Rectifier IR2133 Datasheet HTML 24Page - International Rectifier IR2133 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
IR2133/IR2135/IR2233/IR2235(J&S)&(PbF)
www.irf.com
21
Min.
Typ.
0
30
60
90
120
150
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 46A. Amplifier Common Mode Rejection
Ratio vs. Temperature
Min.
Typ.
0
30
60
90
120
150
10
12.5
15
17.5
20
Supply Voltage (V)
Figure 46B. Amplifier Common Mode Rejection
Ratio vs. Supply Voltage
Min.
Typ.
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 47A. Amplifier Pow er Supply Rejection
Ratio vs. Temperature
Min.
Typ.
0
25
50
75
100
125
10
12.5
15
17.5
20
Supply Voltage (V)
Figure 47B. Amplifier Power Supply Rejection
Ratio vs. Supply Voltage
Typ.
M ax.
Min.
4.5
4.8
5.1
5.4
5.7
6.0
10
12.5
15
17.5
20
Supply Voltage (V)
Figure 48. Amplifier High Level Output Voltage
vs. Supply Voltage
M ax.
0
10
20
30
40
50
10
12.5
15
17.5
20
Supply Voltage (V)
Figure 49. Amplifier Low Level Output Voltage
vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com