Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF1010NLPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF1010NLPBF
Description  Advanced Process Technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1010NLPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF1010NLPBF Datasheet HTML 1Page - International Rectifier IRF1010NLPBF Datasheet HTML 2Page - International Rectifier IRF1010NLPBF Datasheet HTML 3Page - International Rectifier IRF1010NLPBF Datasheet HTML 4Page - International Rectifier IRF1010NLPBF Datasheet HTML 5Page - International Rectifier IRF1010NLPBF Datasheet HTML 6Page - International Rectifier IRF1010NLPBF Datasheet HTML 7Page - International Rectifier IRF1010NLPBF Datasheet HTML 8Page - International Rectifier IRF1010NLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF1010NS/LPbF
2
www.irf.com
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 43A, VGS = 0V
„
trr
Reverse Recovery Time
–––
69
100
ns
TJ = 25°C, IF = 43A
Qrr
Reverse Recovery Charge
–––
220 230
nC
di/dt = 100A/µs
„ˆ
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
85
‡
290
A
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ Starting TJ = 25°C, L = 270µH
RG = 25Ω, IAS = 43A, VGS=10V (See Figure 12)
ƒ ISD ≤ 43A, di/dt ≤ 210A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… This is a typical value at device destruction and
represents operation outside rated limits.
Notes:
† This is a calculated value limited to TJ = 175°C .
‡ Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
ˆ Uses IRF1010N data and test conditions.
** When mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to
application note #AN-994.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.058 –––
V/°C Reference to 25°C, ID = 1mA
ˆ
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
11
m
Ω
VGS = 10V, ID = 43A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
32
–––
–––
S
VDS = 25V, ID = 43A
„
ˆ
–––
–––
25
µA
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
120
ID = 43A
Qgs
Gate-to-Source Charge
–––
–––
19
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
41
VGS = 10V, See Fig. 6 and 13
„ˆ
td(on)
Turn-On Delay Time
–––
13
–––
VDD = 28V
tr
Rise Time
–––
76
–––
ID = 43A
td(off)
Turn-Off Delay Time
–––
39
–––
RG = 3.6Ω
tf
Fall Time
–––
48
–––
VGS = 10V, See Fig. 10
„
ˆ
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
––– 3210 –––
VGS = 0V
Coss
Output Capacitance
–––
690
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
140
–––
pF
ƒ = 1.0MHz, See Fig. 5
ˆ
EAS
Single Pulse Avalanche Energy
‚ˆ
––– 1030
…250† mJ
IAS = 4.3A, L = 270µH
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com