Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF1010NLPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF1010NLPBF
Description  Advanced Process Technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1010NLPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF1010NLPBF Datasheet HTML 1Page - International Rectifier IRF1010NLPBF Datasheet HTML 2Page - International Rectifier IRF1010NLPBF Datasheet HTML 3Page - International Rectifier IRF1010NLPBF Datasheet HTML 4Page - International Rectifier IRF1010NLPBF Datasheet HTML 5Page - International Rectifier IRF1010NLPBF Datasheet HTML 6Page - International Rectifier IRF1010NLPBF Datasheet HTML 7Page - International Rectifier IRF1010NLPBF Datasheet HTML 8Page - International Rectifier IRF1010NLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRF1010NSPbF
IRF1010NLPbF
HEXFET® Power MOSFET
03/11/04
VDSS = 55V
RDS(on) = 11mΩ
ID = 85A
‡
S
D
G
Advanced HEXFET® Power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance per
silicon area. This benefit, combined with the fast switching
speed and ruggedized device design that HEXFET
power MOSFETs are well known for, provides the
designer with an extremely efficient and reliable device
for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of its
low internal connection resistance and can dissipate up to
2.0W in a typical surface mount application.
The through-hole version (IRF1010NL) is available for low-
profile applications.
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Lead-Free
Description
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ˆ
85
‡
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
ˆ
60
A
IDM
Pulsed Drain Current
ˆ
290
PD @TC = 25°C
Power Dissipation
180
W
Linear Derating Factor
1.2
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current

43
A
EAR
Repetitive Avalanche Energy

18
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒˆ
3.6
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
2
D Pak
TO-262
IRF1010NLPbF
www.irf.com
1
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.85
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
°C/W
Thermal Resistance
PD - 95103
IRF1010NSPbF


Similar Part No. - IRF1010NLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1010NLPBF IRF-IRF1010NLPBF Datasheet
297Kb / 11P
HEXFET짰 Power MOSFET
IRF1010NLPBF IRF-IRF1010NLPBF Datasheet
298Kb / 11P
Advanced Process Technology
More results

Similar Description - IRF1010NLPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com