Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT21 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # WT21
Description  BLUETOOTH HCI MODULE
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT21 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button WT21_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers WT21_13 Datasheet HTML 18Page - List of Unclassifed Manufacturers WT21_13 Datasheet HTML 19Page - List of Unclassifed Manufacturers WT21_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers WT21_13 Datasheet HTML 21Page - List of Unclassifed Manufacturers WT21_13 Datasheet HTML 22Page - List of Unclassifed Manufacturers WT21_13 Datasheet HTML 23Page - List of Unclassifed Manufacturers WT21_13 Datasheet HTML 24Page - List of Unclassifed Manufacturers WT21_13 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
Bluegiga Technologies Oy
Page 21 of 56
UART configuration parameters, such as baud rate and packet format, are set using WT21
firmware.
Note:
An accelerated serial port adapter is required to communicate with the UART at maximum baud rate
using a standard PC.
Table 10: Possible UART Settings
Note:
Baud rate is the measure of symbol rate i.e. , the number of distinct symbol changes (signaling events)
made to transmission medium per second in a digitally modulated signal.
The UART interface is capable of resetting WT21 on reception of a break signal. A break is
identified by a continuous logic low (0V) on the UART_RX terminal, as shown in Figure 9. If
tBRKis longer than the value, defined by the PSKEY_HOSTIO_UART_RESET_TIMEOUT, (0x1a4),
a reset occurs. This feature allows a host to initialise the system to a known state. Also, WT21
can emit a break character that may be used to wake the host. By default this feature is
disabled and it is recommended to enable it by setting PSKEY_HOSTIO_UART_RESET_TIMEOUT.
Figure 8: Break Signal
Table 11 shows a list of commonly used baud rates and their associated values for the
PSKEY_UART_BAUDRATE (0x1be). There is no requirement to use these standard values. Any
baud rate within the supported range can be set in the PS Key according to the formula in
Equation XXX.
Equation 1: Baud Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com