Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT21 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WT21
Description  BLUETOOTH HCI MODULE
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT21 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button WT21_13 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT21_13 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT21_13 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT21_13 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT21_13 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT21_13 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT21_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers WT21_13 Datasheet HTML 10Page - List of Unclassifed Manufacturers WT21_13 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
Bluegiga Technologies Oy
WT21 Bluetooth® HCI Module
DESCRIPTION
WT21
is intended for
Bluetooth
applications where a host processor is
capable
of
running
the
Bluetooth
software stack. WT21 only implements
the low level Bluetooth Host Controller
Interface
(HCI)
but
still
offers
advantages
of
a
module
-
easy
implementation
and
certifications.
APPLICATIONS:
PCs and laptops
PDAs
Embedded systems
FEATURES:
Fully Qualified Bluetooth v2.1 +
EDR System
Piconet and Scatternet Support
Low Power Consumption
1,8V to 3,6V I/O Voltage
Integrated 1,8V Regulator
UART to 4 Mbaud
SDIO (Bluetooth Type A) and
CSPI Host Interfaces
Deep-Sleep SDIO Operation
Support for 802.11 Coexistence
RoHS Compliant
AuriStream Baseband Codec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com