Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6629 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6629 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH6629 Datasheet HTML 17Page - Texas Instruments LMH6629 Datasheet HTML 18Page - Texas Instruments LMH6629 Datasheet HTML 19Page - Texas Instruments LMH6629 Datasheet HTML 20Page - Texas Instruments LMH6629 Datasheet HTML 21Page - Texas Instruments LMH6629 Datasheet HTML 22Page - Texas Instruments LMH6629 Datasheet HTML 23Page - Texas Instruments LMH6629 Datasheet HTML 24Page - Texas Instruments LMH6629 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
1
10
100
1k
10k
100k
RSEQ (:)
1000
100
10
1
0.1
in
eni
et
en
RSEQ = RF || RG
LMH6629
www.ti.com
SNOSB18E – APRIL 2010 – REVISED JUNE 2011
Figure 59 illustrates the equivalent noise model using this assumption. Figure 60 is a plot of eni against
equivalent source resistance (Rseq) with all of the contributing voltage noise source of Equation 4. This plot gives
the expected eni for a given (Rseq) which assumes Rf||Rg = Rseq for bias current cancellation. The total equivalent
output voltage noise (eno) is eni*AV.
Figure 59. Noise Model with Rf||Rg = Rseq
As seen in Figure 60, eni is dominated by the intrinsic voltage noise (en) of the amplifier for equivalent source
resistances below 15
Ω. Between 15Ω and 2.5 kΩ, eni is dominated by the thermal noise (et = √(4kT(2Rseq)) of
the equivalent source resistance Rseq; incidentally, this is the range of Rseq values where the LMH6629 has the
best (lowest) Noise Figure (NF) for the case where Rseq = Rf || Rg.
Above 2.5 k
Ω, eni is dominated by the amplifier’s current noise (in = √(2) inRseq). When Rseq = 190Ω (i.e., Rseq =
en/√(2) in), the contribution from voltage noise and current noise of LMH6629 is equal. For example, configured
with a gain of +10V/V giving a
−3dB of 825 MHz and driven from Rseq = Rf || Rg = 20Ω (eni = 1.07 nV√Hz from
Figure 60), the LMH6629 produces a total equivalent output noise voltage (eni * 10 V/V * √(1.57 * 825 MHz)) of
385
μVrms.
Figure 60. Voltage Noise Density vs. Source Resistance
If bias current cancellation is not a requirement, then Rf || Rg need not equal Rseq. In this case, according to
Equation 3, Rf || Rg should be as low as possible to minimize noise. Results similar to Equation 3 are obtained
for the inverting configuration of Figure 56 if Rseq is replaced by Rb and Rg is replaced by Rg + Rs. With these
substitutions, Equation 3 will yield an eni referred to the non-inverting input. Referring eni to the inverting input is
easily accomplished by multiplying eni by the ratio of non-inverting to inverting gains (1+Rg/ Rf).
NOISE FIGURE
Noise Figure (NF) is a measure of the noise degradation caused by an amplifier.
Equation 5: General Noise Figure Equation
(5)
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com