Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6629 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6629
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6629 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6629 Datasheet HTML 9Page - Texas Instruments LMH6629 Datasheet HTML 10Page - Texas Instruments LMH6629 Datasheet HTML 11Page - Texas Instruments LMH6629 Datasheet HTML 12Page - Texas Instruments LMH6629 Datasheet HTML 13Page - Texas Instruments LMH6629 Datasheet HTML 14Page - Texas Instruments LMH6629 Datasheet HTML 15Page - Texas Instruments LMH6629 Datasheet HTML 16Page - Texas Instruments LMH6629 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
100
150
200
250
300
350
400
Isink (mA)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
25°C
125°C
-40°C
TIME (10 ns/DIV)
100
150
200
250
300
350
400
Isource (mA)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
25°C
125°C
-40°C
100
150
200
250
300
350
400
Isink (mA)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
25°C
125°C
-40°C
100
150
200
250
300
350
400
Isource (mA)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
125°C
-40°C
25°C
100k
1M
10M
100M
1G
f (Hz)
80
60
40
20
0
Gain, COMP HI
Gain, COMP LO
Phase, COMP LO
Phase, COMP HI
160
120
80
40
0
LMH6629
www.ti.com
SNOSB18E – APRIL 2010 – REVISED JUNE 2011
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = ±2.5V, Rf = 240Ω, RL = 100Ω, VO = 2VPP, COMP pin = HI, AV = +10 V/V, WSON-8 and SOT-
23-5 packages (unless specifically noted).
Output Source Current,
Open Loop Gain/Phase Response
WSON-8 Package
Figure 34.
Figure 35.
Output Sink Current
Output Source Current,
WSON-8 Package
SOT-23-5 Package
Figure 36.
Figure 37.
Output Sink Current, SOT-23-5 Package
Large Signal Step Response
Figure 38.
Figure 39.
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com