Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSC Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NFSC
Description  Surface Mount Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFSC Datasheet(HTML) 2 Page - NIC-Components Corp.

  NFSC Datasheet HTML 1Page - NIC-Components Corp. NFSC Datasheet HTML 2Page - NIC-Components Corp. NFSC Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Fuse
NFSC Series
AVAILABLE VALUES AND RATINGS
Ambient Temperature
-55°C
70°C 90°C
125°C
0
80%
100%
Current vs. Temperature Derating Guide
120%
60%
40%
20%
Nominal Derating: < 75% of Rated Current
Temperature Derating: Refer to graph
Example: NFSC0603102AB (1A rated current)
If used at +70°C the derated current
would be ...
1A x 0.75 (normal derating) x 0.80 (temperature derating) = 0.6A
Case Size
Reflow Soldering
Flow Soldering
AB
C
D
AB
C
D
0603
1.0
2.0
0.8
0.5
1.0
2.6
0.8
0.8
A
B
D
C
D
Recommended Land Pattern Dimensions (mm)
RECOMMENDED REFLOW PROFILE
Peak Temperature
(245°C for 5 sec.)
50
100
150
200
250
300
Time
Pre-heat
150°C ~ 180°C 120 sec. max.
25
0
Cool Down
Time above 220°C
30 sec. max.
RECOMMENDED FLOW PROFILE
Peak Temperature
(245°C ~ 250°C)
50
100
150
200
250
300
Time
Pre-heat
110°C ~ 130°C 120 sec. max.
25
0
Cool Down
Part Number
Current
Rating
@ +70°C
Marking
Symbol
Internal (Cold)
Resistance
(m
Ω) max.
Melting I2T
(t=1ms)
(A2×s) typical
Voltage Drop
(R/C x 100)
mV typical
Rated
Voltage
(DC)
Breaking
Capacity
(Amps)
Time/Current Characteristics
Curent/Pre-arc time
NFSC06 501ABTPF
0.5
HF
400
0.00650
189
32
35
x100% / 4 hrs.
x200% / 5 sec.
x300%/ 0.2 sec.
NFSC06 631ABTPF
0.63
HI
300
0.0111
173
NFSC06 751ABTPF
0.75
HA
210
0.0193
155
NFSC06 801ABTPF
0.8
HK
180
0.0212
142
NFSC06 102ABTPF
1.0
HL
115
0.0331
124
NFSC06 132ABTPF
1.25
HM
90
0.0572
118
NFSC06 152ABTPF
1.5
HH
70
0.0797
101
NFSC06 162ABTPF
1.6
HN
60
0.0906
97
NFSC06 202ABTPF
2.0
HS
50
0.149
97
NFSC06 252ABTPF
2.5
HT
37
0.233
92
NFSC06 302ABTPF
3.0
HR
28
0.313
85
NFSC06 322ABTPF
3.15
HU
26
0.357
80
NFSC06 402ABTPF
4.0
HX
18
0.449
69
NFSC06 502ABTPF
5.0
HY
14
0.841
68



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com