Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSC Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NFSC
Description  Surface Mount Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFSC Datasheet(HTML) 1 Page - NIC-Components Corp.

  NFSC Datasheet HTML 1Page - NIC-Components Corp. NFSC Datasheet HTML 2Page - NIC-Components Corp. NFSC Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Fuse
NFSC Series
FEATURES
• HIGH ANTI-PULSE PERFORMANCE
• EIA SIZE 0603
• CURRENT RATINGS UP TO 5.0 AMPS
• SAFETY STANDARD APPROVAL (UL and c-UL File Number E302168)
• Pb-FREE COMPATIBLE WITH FLOW AND REFLOW SOLDERING
Type
Case Size Rated Current
(Amps)
Rated Voltage
(Vdc)
Temperature
Range
Case Dimensions
LW
H
P
1
P
2
NFSC06
0603
0.5 ~ 5.0
32
-55°C ~ +125°C
1.6 ± 0.1 0.8 +0.15/-0.05
0.45 ± 0.10
0.3 ± 0.15 0.3 ± 0.10
NFSC 06 202 AB TP F
RoHS Compliant
Tape & Reel: TP = Paper (4mm pitch)
Clearing Time Code:
AB = Within 5 sec. under 200% of rated current
Current Rating Code: See ratings table
Case Size Code: See specifications table
Series
PART NUMBERING SYSTEM
SPECIFICATIONS
L
P
1
P
2
H
W
HS
HS
Bottom termination (Ag)
Termination finish
(100% Sn over Ni barrier)
Fuse element
(metal film)
Resin Overcoat
Al203(96%)
Substrate
Resin Layer
Side termination
(Thin film of Ni-Cr)
*See Part Number System for Details
ePart NumberSystem for Details
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NFSC

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NFS-100A-0110BF YAMAICHI-NFS-100A-0110BF Datasheet
47Kb / 1P
IDC Type Socket (1.27mm Pitch)
NFS-10A-0110BF YAMAICHI-NFS-10A-0110BF Datasheet
47Kb / 1P
IDC Type Socket (1.27mm Pitch)
NFS-16A-0110BF YAMAICHI-NFS-16A-0110BF Datasheet
47Kb / 1P
IDC Type Socket (1.27mm Pitch)
NFS-20A-0110BF YAMAICHI-NFS-20A-0110BF Datasheet
47Kb / 1P
IDC Type Socket (1.27mm Pitch)
NFS-26A-0110BF YAMAICHI-NFS-26A-0110BF Datasheet
47Kb / 1P
IDC Type Socket (1.27mm Pitch)
More results

Similar Description - NFSC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0242.050HAT1 LITTELFUSE-0242.050HAT1 Datasheet
488Kb / 1P
BARRIER FUSE SURFACE MOUNT
logo
Schurter Inc.
0001.2704.11 SCHURTER-0001.2704.11 Datasheet
458Kb / 3P
Surface Mount Fuse
0001.2706.11 SCHURTER-0001.2706.11 Datasheet
457Kb / 3P
Surface Mount Fuse
logo
NIC-Components Corp.
NFCC-NFHC NIC-NFCC-NFHC Datasheet
102Kb / 5P
Surface Mount Fuse
NFVC NIC-NFVC Datasheet
102Kb / 4P
Surface Mount Fuse
NFVC-H NIC-NFVC-H Datasheet
102Kb / 4P
Surface Mount Fuse
logo
List of Unclassifed Man...
CT06V5TR20 ETC-CT06V5TR20 Datasheet
356Kb / 6P
Surface Mount Fuse
logo
NIC-Components Corp.
NFCC_NFHC NIC-NFCC_NFHC Datasheet
96Kb / 5P
Surface Mount Fuse
NFVC-S NIC-NFVC-S Datasheet
225Kb / 4P
Surface Mount Fuse
logo
Schurter Inc.
FUSEKITUMT-H SCHURTER-FUSEKITUMT-H Datasheet
165Kb / 2P
Fuse Kit Surface Mount Fuse UMT-H
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com