Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCSS20-R020TRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NCSS20-R020TRF
Description  Current Sensing Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCSS20-R020TRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NCSS20-R020TRF Datasheet HTML 1Page - NIC-Components Corp. NCSS20-R020TRF Datasheet HTML 2Page - NIC-Components Corp. NCSS20-R020TRF Datasheet HTML 3Page - NIC-Components Corp. NCSS20-R020TRF Datasheet HTML 4Page - NIC-Components Corp. NCSS20-R020TRF Datasheet HTML 5Page - NIC-Components Corp. NCSS20-R020TRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Resistance
Value (m
Ω)
Available
Power Ratings
Available
Tolerance
Available
TCR
NCSS10_ _ R005TRF
5.0
1/8W (B), 1/4W (A), 1/2W (S)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS10_ _ R006TRF
6.0
1/8W (B), 1/4W (A), 1/2W (S)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS10_ _ R008TRF
8.0
1/8W (B), 1/4W (A), 1/2W (S)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS10_ _ R009TRF
9.0
1/8W (B), 1/4W (A), 1/2W (S)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS10_ _ R010TRF
10
1/8W (B), 1/4W (A), 1/2W (S)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS10_ _ R020TRF
20
1/8W (B), 1/4W (A), 1/2W (S)
±1% (F), ±2% (G), ±5% (J)
±100ppm
Part Number
Resistance
Value (m
Ω)
Available
Power Ratings
Available
Tolerance
Available
TCR
NCSS12_ _ R001TRF
1.0
1/4W (A), 1/2W (S), 1W (C)
±1% (F), ±2% (G), ±5% (J)
±200ppm
NCSS12_ _ R002TRF
2.0
1/4W (A), 1/2W (S), 1W (C)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS12_ _ R004TRF
4.0
1/4W (A), 1/2W (S), 1W (C)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS12_ _ R005TRF
5.0
1/4W (A), 1/2W (S), 1W (C)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS12_ _ R006TRF
6.0
1/4W (A), 1/2W (S), 1W (C)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS12_ _ R007TRF
7.0
1/4W (A), 1/2W (S), 1W (C)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS12_ _ R008TRF
8.0
1/4W (A), 1/2W (S), 1W (C)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS12_ _ R009TRF
9.0
1/4W (A), 1/2W (S), 1W (C)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS12_ _ R010TRF
10
1/4W (A), 1/2W (S), 1W (C)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS12_ _ R012TRF
12
1/4W (A), 1/2W (S), 1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
NCSS12_ _ R014TRF
14
1/4W (A), 1/2W (S), 1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
NCSS12_ _ R015TRF
15
1/4W (A), 1/2W (S), 1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
NCSS12_ _ R020TRF
20
1/4W (A), 1/2W (S), 1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
NCSS12_ _ R022TRF
22
1/4W (A), 1/2W (S), 1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
NCSS12_ _ R025TRF
25
1/4W (A), 1/2W (S), 1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
NCSS12_ _ R030TRF
30
1/4W (A), 1/2W (S), 1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
Part Number
Resistance
Value (m
Ω)
Available
Power Ratings
Available
Tolerance
Available
TCR
NCSS20_ _ R005TRF
5.0
1/2W (S), 3/4W (I), 1W (C), 1.5W (D)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS20_ _ R006TRF
6.0
1/2W (S), 3/4W (I), 1W (C), 1.5W (D)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS20_ _ R010TRF
10
1/2W (S), 3/4W (I), 1W (C), 1.5W (D)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS20_ _ R015TRF
15
1/2W (S), 3/4W (I), 1W (C), 1.5W (D)
±1% (F), ±2% (G), ±5% (J)
±75ppm
NCSS20_ _ R020TRF
20
1/2W (S), 3/4W (I), 1W (C), 1.5W (D)
±1% (F), ±2% (G), ±5% (J)
±75ppm
Part Number
Resistance
Value (m
Ω)
Available
Power Ratings
Available
Tolerance
Available
TCR
NCSS25_ _ R001TRF
1.0
1W (C), 1.5W (D), 2W (E)
±1% (F), ±2% (G), ±5% (J)
±275ppm
NCSS25_ _ R002TRF
2.0
1W (C), 1.5W (D), 2W (E)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS25_ _ R003TRF
3.0
1W (C), 1.5W (D), 2W (E)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS25_ _ R004TRF
4.0
1W (C), 1.5W (D), 2W (E)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS25_ _ R005TRF
5.0
1W (C), 1.5W (D), 2W (E)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS25_ _ R006TRF
6.0
1W (C), 1.5W (D), 2W (E)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS25_ _ R007TRF
7.0
1W (C), 1.5W (D), 2W (E)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS25_ _ R008TRF
8.0
1W (C), 1.5W (D), 2W (E)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS25_ _ R010TRF
10
1W (C), 1.5W (D), 2W (E)
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCSS25C _ R011TRF
11
1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
NCSS25C _ R012TRF
12
1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
NCSS25C _ R015TRF
15
1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
NCSS25C _ R018TRF
18
1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
NCSS25C _ R020TRF
20
1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
Current Sensing Chip Resistors
NCSS Series
NCSS25 (2512 CASE SIZE 1W, 1.5W and 2W) AVAILABLE VALUES
NCSS20 (2010 CASE SIZE 1/2W, 3/4W, 1W and 1.5W) AVAILABLE VALUES
NCSS12 (1206 CASE SIZE 1/4W, 1/2W AND 1W) AVAILABLE VALUES
NCSS10 (0805 CASE SIZE 1/8W, 1/4W and 1/2W) AVAILABLE VALUES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com