Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCSS20-R020TRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NCSS20-R020TRF
Description  Current Sensing Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCSS20-R020TRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NCSS20-R020TRF Datasheet HTML 1Page - NIC-Components Corp. NCSS20-R020TRF Datasheet HTML 2Page - NIC-Components Corp. NCSS20-R020TRF Datasheet HTML 3Page - NIC-Components Corp. NCSS20-R020TRF Datasheet HTML 4Page - NIC-Components Corp. NCSS20-R020TRF Datasheet HTML 5Page - NIC-Components Corp. NCSS20-R020TRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Resistance
Value (m
Ω)
Available
Power Ratings
Available
Tolerance
Available
TCR
NCSS25C _ R025TRF
25
1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
NCSS25C _ R030TRF
30
1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
NCSS25C _ R033TRF
33
1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
NCSS25C _ R035TRF
35
1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
NCSS25C _ R040TRF
40
1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
NCSS25C _ R050TRF
50
1W (C)
±1% (F), ±2% (G), ±5% (J)
±75ppm
Current Sensing Chip Resistors
NCSS Series
NCSS25 (1W and 2W, 2512 CASE SIZE) AVAILABLE VALUES
Temperature °C
Power Derating Curve: For operation above 70°C, power rating must be
derated according to the following chart:
-55
+70
+170
100%
60%
80%
20%
40%
*Insert appropriate power rating and tolerance codes,
Contact NIC regarding availability of other values
PART NUMBER SYSTEM
NCSS 10 * * R005 TR F
RoHS compliant
Packaging: TR = Tape & Reel
Resistance Code: See Values Tables
Tolerance Code: J = 5%, G = 2%, F = 1%
Power Rating Code: 1/8W = B, 1/4W = A, 1/2W = S, 1W = C, 1.5W = D, 2W = E
Case Size Code: 10 = 0805, 12 = 1206, 20 = 2010, 25 = 2512
Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com