Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCSS25-R006TRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NCSS25-R006TRF
Description  Current Sensing Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCSS25-R006TRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NCSS25-R006TRF Datasheet HTML 1Page - NIC-Components Corp. NCSS25-R006TRF Datasheet HTML 2Page - NIC-Components Corp. NCSS25-R006TRF Datasheet HTML 3Page - NIC-Components Corp. NCSS25-R006TRF Datasheet HTML 4Page - NIC-Components Corp. NCSS25-R006TRF Datasheet HTML 5Page - NIC-Components Corp. NCSS25-R006TRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Current Sensing Chip Resistors
NCSS Series
020
L
W
T
P
P
Case Size
L
W
T
P
0805
2.0 ± 0.1 1.25 ± 0.1 0.6 ± 0.2 0.4 ± 0.2
L
W
T
PP
Case Size
L
W
T
P
2512
R < 3m
Ω
6.4 ± 0.2 3.2 ± 0.2 0.6 ± 0.2
2.0 ± 0.2
R > 3m
Ω
0.9 ± 0.2
R020
L
W
T
P
P
Case Size
L
W
T
P
1206
3.2 ± 0.2 1.6 ± 0.2
1m
Ω = 0.75 ± 0.2
2m
Ω ~ 30mΩ 0.6 ± 0.2
1m
Ω 1.1 ± 0.3
2m
Ω ~ 30mΩ 0.5 ± 0.3
2010
5.0 ± 0.2 2.5 ± 0.2
0.6 ± 0.2
0.6 ± 0.3
DIMENSIONS AND PART MARKING



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com