Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCSS25-R006TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NCSS25-R006TRF
Description  Current Sensing Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCSS25-R006TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NCSS25-R006TRF Datasheet HTML 1Page - NIC-Components Corp. NCSS25-R006TRF Datasheet HTML 2Page - NIC-Components Corp. NCSS25-R006TRF Datasheet HTML 3Page - NIC-Components Corp. NCSS25-R006TRF Datasheet HTML 4Page - NIC-Components Corp. NCSS25-R006TRF Datasheet HTML 5Page - NIC-Components Corp. NCSS25-R006TRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Current Sensing Chip Resistors
NCSS Series
FEATURES
• SURFACE MOUNTABLE 0805, 1206, 2010 AND 2512 CASE SIZE
• LOW RESISTANCE METAL STRIP CONSTRUCTION
• PRECISON TOLERANCE (±1%)
• TAPED & REEL PACKAGING FOR EASY PICK AND PLACE
• REFLOW COMPATIBLE
Type
EIA
Size
Power Rating
at 70°C
Resistance
Tolerance
(Code)
Temperature Coefficient
(ppm/°C, +25°C ~ +125°C)
Resistance
Range*
Operating
Temperature
Range (°C)
NCSS10
0805
1/8W (B)
±1% (F)
±2% (G)
±5% (J)
±100ppm
5m
Ω ~ 20mΩ
-55°C ~ +170°C
1/4W (A)
1/2W (S)
NCSS12
1206
1/4W (A)
1m
Ω = ±200ppm
2m
Ω ~ 10mΩ = ±100ppm
>10m
Ω = ±75ppm
1m
Ω ~ 30mΩ
1/2W (S)
1W (C)
NCSS20
2010
1/2W (S)
5m
Ω ~ 10mΩ = ±100ppm
>10m
Ω = ±75ppm
5m
Ω ~ 20mΩ
3/4W (I)
1W (C)
1.5W (D)
NCSS25
2512
1W (C)
1m
Ω = ±275ppm
2m
Ω ~ 10mΩ = ±100ppm
>10m
Ω = ±75ppm
1m
Ω ~ 50mΩ
1.5W (D)
1m
Ω ~ 15mΩ
2W (E)
1m
Ω ~ 10mΩ
Item
Specification
Test Method
Reference Standard
0805
1206
2010
2512
Temperature Coefficient
of Resistance
Within specified value
+25°C ~ +125°C
IEC60115-1 4.8
JIS-C5201 4.8
Load Life
<±1%
<±1%
<±1%
<±1%
1,000 hours at rated power, +70°C, 1.5 hours
ON, 0.5 hours OFF
IEC60115-1 4.25.1
JIS-C5201 4.25.1
Short Time Overload
<±0.5%
<±0.5%
<±0.5%
<±0.5%
5 x rated power for 5 seconds
IEC60115-1 4.13
JIS-C5201 4.13
Moisture Resistance
(no load)
<±1%
<±1.0%
<±1%
<±1%
+85°C, 85% RH, 1000 hours
IEC60115-1 4.24.2 1a
JIS-C5201 4.24.2 1a
Temperature Cycling
<±0.5%
<±0.5%
<±0.5%
<±0.5%
-55°C & +155°C, 300 cycles,
15 minutes at each temperature
IEC60115-1 4.19
JIS-C5201 4.19
Resistance to Soldering Heat <±0.5%
<±0.5%
<±0.5%
<±0.5%
+260°C ± 5°C for 10 sec. ±1 sec.,Two cycles
(20 sec. ±1 sec. for 2512 size)
IEC60115-1 4.18
JIS-C5201 4.18
Solderability
At least 95% coverage of electrode
surface
+245°C ± 5°C, 2 sec. ± 0.5sec.
IEC60115-1 4.17
JIS-C5201 4.17
High Temperature Exposure
<±1%
<±1%
<±1%
<±1%
+170°C for 1,000 hours
IEC60115-1 4.23.2
JIS-C5201 4.23.2
Low Temperature Storage
<±0.5%
<±0.5%
<±0.5%
<±0.5%
-55°C for 1,000 hours
IEC60115-1 4.23.4
JIS-C5201 4.23.4
Substrate Bending
<±1%
<±0.5%
<±0.5%
<±0.5%
Bending within 2mm
IEC60115-1 4.33
JIS-C5201 4.33
Insulation Resistance
>100M
Ω
100VDC for 1 minute
IEC60115-1 4.6
JIS-C5201 4.6
SPECIFICATIONS
ENVIRONMENTAL CHARACTERISTICS
See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
*Contact NIC regarding availability of values not shown


Similar Part No. - NCSS25-R006TRF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS-540 ONSEMI-NCS-540 Datasheet
346Kb / 13P
Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS-540 ONSEMI-NCS-540 Datasheet
366Kb / 14P
Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
February, 2007 ??Rev. 2
logo
CINCON ELECTRONICS Corp...
NCS01W8 CINCON-NCS01W8 Datasheet
498Kb / 6P
NCS01W8 SERIES
NCS01W8-48S033 CINCON-NCS01W8-48S033 Datasheet
498Kb / 6P
NCS01W8 SERIES
NCS01W8-48S050 CINCON-NCS01W8-48S050 Datasheet
498Kb / 6P
NCS01W8 SERIES
More results

Similar Description - NCSS25-R006TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SAK1UF0124 VISHAY-SAK1UF0124 Datasheet
94Kb / 3P
Current Sensing Bondable Chip Resistors
06-Oct-08
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSP NIC-NCSP Datasheet
119Kb / 2P
Current Sensing Chip Resistors
NCSR NIC-NCSR Datasheet
484Kb / 5P
Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
Current Sensing Chip Resistors
logo
List of Unclassifed Man...
CSTN02 ETC-CSTN02 Datasheet
1Mb / 3P
THIN FILM CURRENT SENSING CHIP RESISTORS
logo
American Accurate Compo...
CRL10R020JNM AAC-CRL10R020JNM_17 Datasheet
269Kb / 1P
CURRENT SENSING CHIP RESISTORS
CTL05R015FJM AAC-CTL05R015FJM_17 Datasheet
555Kb / 2P
PRECISION CURRENT SENSING CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com