Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCSR250-R005DTRGF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NCSR250-R005DTRGF
Description  Current Sensing Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCSR250-R005DTRGF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NCSR250-R005DTRGF Datasheet HTML 1Page - NIC-Components Corp. NCSR250-R005DTRGF Datasheet HTML 2Page - NIC-Components Corp. NCSR250-R005DTRGF Datasheet HTML 3Page - NIC-Components Corp. NCSR250-R005DTRGF Datasheet HTML 4Page - NIC-Components Corp. NCSR250-R005DTRGF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Current Sensing Chip Resistors
NCSR Series
EMBOSSED PLASTIC CARRIER
D
0
P
1
K
A
P
D1
Case
Size
Resistance
Values
A
B
K
P
P
1
E
F
D
0
W
Quantity
per Reel
Case 1
Case 2
1206
All
2.0 ±0.15 3.60 ±0.2 0.87 ±0.1
n/a
4.0 ±0.1 4.0 ±0.1 1.75 ±0.1 3.50 ±0.05
1.55 +1/-0
8.0 ±0.2
2,000
2010
All
2.85 ±0.1 5.55 ±0.1
n/a
0.85 ±0.2 4.0 ±0.1 4.0 ±0.1 1.75 ±0.1 5.50 ±0.05 1.55 ±0.05 12.0 ±0.3
2512
0.50
3.40 ±0.1 6.70 ±0.1 1.45 ± 0.2 0.87 ±0.2 4.0 ±0.1 4.0 ±0.1 1.75 ±0.1 5.50 ±0.05 1.55 ±0.05 12.0 ±0.3
0.75
3.50 ±0.1 6.80 ±0.1
0.87 ±0.2
4.0 ±0.1 4.0 ±0.1 1.75 ±0.1 5.50 ±0.05 1.55 ±0.05 12.0 ±0.3
1 ~ 22
3.40 ±0.1 6.70 ±0.1
0.87 ±0.2
4.0 ±0.1 4.0 ±0.1 1.75 ±0.1 5.50 ±0.05 1.55 ±0.05 12.0 ±0.3
TAPE DIMENSIONS (mm)
Notice:
1. The cumulative tolerance of 10 sprocket hole pitch is ±0.2mm.
2. Carrier camber shall be not more than 1mm per 100mm through a length of 250mm.
3. A & B measured 0.3mm from the bottom of the packet
4. K measured at a point on the inside bottom of the packet to the top surface of the carrier.
5. Pocket position relative to sprocket hole is measured as the true position of the pocket and not the
pocket hole.
Case
Size
A
B
C
D
2010
1.44
3.80
1.16
0.80
2512
1.80
4.75
1.45
1.00
4-WIRE LAND PATTERN DIM. (mm)
Recommended for precision current sensing
(no traces between pads to avoid short circuit)
B
A
C
Case
Size
A
B
C
1206
1.90
1.40
1.80
2010
1.44
3.80
3.12
2512
1.80
4.75
3.6
B
A
C
D
2-WIRE LAND PATTERN DIM. (mm)
(no traces between pads to avoid short circuit)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com