Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCSR250-R005DTRGF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NCSR250-R005DTRGF
Description  Current Sensing Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCSR250-R005DTRGF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NCSR250-R005DTRGF Datasheet HTML 1Page - NIC-Components Corp. NCSR250-R005DTRGF Datasheet HTML 2Page - NIC-Components Corp. NCSR250-R005DTRGF Datasheet HTML 3Page - NIC-Components Corp. NCSR250-R005DTRGF Datasheet HTML 4Page - NIC-Components Corp. NCSR250-R005DTRGF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Current Sensing Chip Resistors
NCSR Series
FEATURES
• SURFACE MOUNTABLE 1206, 2010 AND 2512 CASE SIZE
• LOW RESISTANCE & LOW INDUCTANCE METAL STRIP CONSTRUCTION
• PRECISON TOLERANCE (±1%) AND TCR (±50PPM) TO +170°C
• TAPED & REEL PACKAGING FOR EASY PICK AND PLACE
• REFLOW COMPATIBLE
Type
EIA
Size
Power Rating
at 80°C
Case
Type**
Resistance
Tolerance
(Code)
Temperature
Coefficient
(ppm/°C)
Resistance
Range
Operating
Temperature
Range (°C)
NCSR100S
1206
1 Watt
3
±1% (F)
±3% (H)
±5% (J)
±50 (D)*
±75 (W)*
±100 (E)*
±150 (K)*
±200 (F)*
0.5mΩ ~ 10mΩ
-55°C ~ +170°C
NCSR150
2010
1.5 Watt
3
0.5mΩ ~ 10mΩ
NCSR100
2512
1 Watt
1 & 2
0.5mΩ ~ 15mΩ
NCSR200
2 Watt
1 & 2
0.5mΩ ~ 10mΩ
NCSR250
2.5 Watt
2
4.0mΩ ~ 6.0mΩ
NCSR300
3 Watt
2
0.5mΩ ~ 3.0mΩ
Item
Specification
Test Method
Type 1
Type 2
Type 3
Temperature Coefficient of Resistance
As Specified
MIL-STD-202, Method 304
+25/-55/+25/+125/+25°C
Thermal Shock
±0.5%
±1%
±1%
MIL-STD-202, Mehtod 107G
-55°C ~ +150°C, 100 cycles
Short Time Overload
±0.5%
±1%
±1%
JIS-C-5202-5.5
5x rated power for 5 seconds
Resistance to dry heat
±1%
±1%
±1%
JIS-C-5202-7.2
96 hrs @ 155°C without load
Load Life
±1%
±1%
±1%
MIL-STD-202 Method 108
RCWV @ 70°C, cycles of 1.5 hours on, 0.5 hrs off for 1,000 ~ 1,048 hrs
Resistance to Soldering Heat
±0.5%
±1%
±1%
MIL-STD-202F Method 210E
260°C ±5°C for 10 sec. ±1 sec.
Solderability
95% min. coverage
MIL-STD-202F Method 208H
245°C ±5°C for 5 sec. ±0.5 sec.
SPECIFICATIONS
Temperature °C
Power Derating Curve: For operation above 80°C, power rating
must be derated according to the following chart:
Case Type 1
Protective Coating (Black)
Alloy Plating
Cu Plating
Sn Solder Plating
Case Type 2
Protective Coating (Green)
Sn Solder Plating
Metal Strip
ENVIRONMENTAL CHARACTERISTICS
See Part Number System for Details
*See Part Number Tables for Available Value/ TCR, ** See Part Number Tables for Case Type
RoHS
Compliant
includes all homogeneous materials
Case Type 3
No Top Coating
Sn Solder Plating
Metal Strip
MAXIMUM OPERATING CURRENT: I (Amps) P (Watts)/R (Ohms)


Similar Part No. - NCSR250-R005DTRGF

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NCSR219B-V1 NICHIA-NCSR219B-V1 Datasheet
434Kb / 18P
Pb-free Reflow Soldering Application
NCSR219BT-V1 NICHIA-NCSR219BT-V1 Datasheet
272Kb / 18P
RED LED
More results

Similar Description - NCSR250-R005DTRGF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SAK1UF0124 VISHAY-SAK1UF0124 Datasheet
94Kb / 3P
Current Sensing Bondable Chip Resistors
06-Oct-08
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSP NIC-NCSP Datasheet
119Kb / 2P
Current Sensing Chip Resistors
NCSS NIC-NCSS Datasheet
92Kb / 6P
Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
Current Sensing Chip Resistors
logo
List of Unclassifed Man...
CSTN02 ETC-CSTN02 Datasheet
1Mb / 3P
THIN FILM CURRENT SENSING CHIP RESISTORS
logo
American Accurate Compo...
CRL10R020JNM AAC-CRL10R020JNM_17 Datasheet
269Kb / 1P
CURRENT SENSING CHIP RESISTORS
CTL05R015FJM AAC-CTL05R015FJM_17 Datasheet
555Kb / 2P
PRECISION CURRENT SENSING CHIP RESISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com