Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMC150 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # BMC150
Description  6-axis eCompass
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMC150 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button BMC150 Datasheet HTML 17Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 18Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 19Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 20Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 21Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 22Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 23Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 24Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 141 page
background image
Datasheet
eCompass BMC150
Page 21
Confidential
BST-BMC150-DS000-03 | Revision 0.4 | February 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
The sleep time for lower-power mode 1 and 2 is set by the (0x11) sleep_dur bits as shown in
the following table:
Table 5: Sleep phase duration settings
(0x11) sleep_dur
Sleep Phase Duration
tSLEEP,a
0000b
0.5ms
0001b
0.5ms
0010b
0.5ms
0011b
0.5ms
0100b
0.5ms
0101b
0.5ms
0110b
1ms
0111b
2ms
1000b
4ms
1001b
6ms
1010b
10ms
1011b
25ms
1100b
50ms
1101b
100ms
1110b
500ms
1111b
1s
The current consumption of the BMC150 accelerometer part in low-power mode 1 (IDDlp1) and
low-power mode 2 (IDDlp2) can be calculated according to the following formulae:
a
active
a
sleep
a
DD
a
active
a
DDsum
a
sleep
a
DDlp
t
t
I
t
I
t
I
,
,
,
,
,
,
,
1
a
active
a
sleep
a
DD
a
active
a
DDsbm
a
sleep
a
DDlp
t
t
I
t
I
t
I
,
,
,
,
,
,
,
2
When estimating the length of the wake-up phase tactive, the corresponding typical wake-up time,
tw,up1 or tw,up2 and tut (given in table 5) have to be considered:
If bandwidth is >=31.25 Hz:
tactive = tut + tw,up1 – 0.5 ms (or tactive = tut + tw,up2 – 0.5 ms)
else:
tactive = 4 tut + tw,up1 – 0.5 ms (or tactive = 4 tut + tw,up2 – 0.5 ms)
During the wake-up phase all analog modules are held powered-up, while during the sleep
phase most analog modules are powered down. Consequently, a wake-up time of more than
tw,up1 (tw,up2) is needed to settle the analog modules so that reliable acceleration data are
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com