Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMC150 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # BMC150
Description  6-axis eCompass
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMC150 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button BMC150 Datasheet HTML 23Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 24Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 25Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 26Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 27Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 28Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 29Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 30Page - List of Unclassifed Manufacturers BMC150 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 141 page
background image
Datasheet
eCompass BMC150
Page 27
Confidential
BST-BMC150-DS000-03 | Revision 0.4 | February 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
The BMC150’s accelerometer part supports four different acceleration measurement ranges. A
measurement range is selected by setting the (0x0F) range bits as follows:
Table 10: Range selection
Range
Acceleration measurement
range
Resolution
0011
±2g
0.98mg/LSB
0101
±4g
1.95mg/LSB
1000
±8g
3.91mg/LSB
1100
±16g
7.81mg/LSB
others
reserved
-
4.3.2 Temperature sensor
The width of temperature data is 8 bits given in two´s complement representation. Temperature
values are available in the (0x08) temp register.
The slope of the temperature sensor is 0.5K/LSB, its center temperature is 24°C [(0x08) temp =
0x00].
4.3.3 Magnetic field data
The representation of magnetic field data is different between X/Y-axis and Z-axis. The width of
X- and Y-axis magnetic field data is 13 bits each and stored in two’s complement.
DATAX_LSB (0x42) contains 5-bit LSB part [4:0] of the 13 bit output data of the X-channel.
DATAX_MSB (0x43) contains 8-bit MSB part [12:5] of the 13 bit output data of the X-channel.
DATAY_LSB (0x44) contains 5-bit LSB part [4:0] of the 13 bit output data of the Y-channel.
DATAY_MSB (0x45) contains 8-bit MSB part [12:5] of the 13 bit output data of the Y-channel.
The width of the Z-axis magnetic field data is 15 bit word stored in two’s complement.
DATAZ_LSB (0x46) contains 7-bit LSB part [6:0] of the 15 bit output data of the Z-channel.
DATAZ_MSB (0x47) contains 8-bit MSB part [14:7] of the 15 bit output data of the Z-channel.
For all axes, temperature compensation on the host is used to get ideally matching sensitivity
over the full temperature range. The temperature compensation is based on a resistance
measurement of the hall sensor plate. The resistance value is represented by a 14 bit unsigned
output word.
RHALL_LSB (0x48) contains 6-bit LSB part [5:0] of the 14 bit output data of the RHALL-
channel.
RHALL_MSB (0x49) contains 8-bit MSB part [13:6] of the 14 bit output data of the RHALL-
channel.
All signed register values are in two´s complement representation. Bits which are marked
“reserved” can have different values or can in some cases not be read at all (read will return
0x00 in I²C mode and high-Z in SPI mode).
Data register readout and shadowing is implemented as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com