Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1213A-01LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # D1213A-01LP
Description  1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D1213A-01LP Datasheet(HTML) 2 Page - Diodes Incorporated

  D1213A-01LP Datasheet HTML 1Page - Diodes Incorporated D1213A-01LP Datasheet HTML 2Page - Diodes Incorporated D1213A-01LP Datasheet HTML 3Page - Diodes Incorporated D1213A-01LP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D1213A-01LP
Document number: DS35759 Rev. 6 - 2
2 of 4
www.diodes.com
December 2012
© Diodes Incorporated
D1213A-01LP
Maximum Ratings (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Current
IPP
5
A
8/20
μs, Per Figure 3
ESD Protection – Contact Discharge
VESD_Contact
±8
kV
Standard IEC 61000-4-2
ESD Protection – Air Discharge
VESD_Air
±15
kV
Standard IEC 61000-4-2
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Package Power Dissipation (Note 5)
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse working voltage
VRWM
—
—
3.3
V
—
Reverse current (Note 6)
IR
—
0.1
1.0
μA
VR = VRWM = 3.3V
Reverse breakdown voltage
VBR
6.0
—
—
V
IR = 1mA
Forward voltage
VF
0.6
0.8
0.95
V
IF = 8mA
Reverse clamping voltage, Positive Transients
VCL1
—
10.0
—
V
IPP = 1A, tp = 8/20μs
Reverse clamping voltage, Negative Transients
VCL2
—
-1.7
—
V
IPP = -1A, tp = 8/20μs
Dynamic resistance
RDYN
—
0.9
—
Ω
IR = 1A, tp = 8/20μs
Capacitance
CT
—
0.85
1.2
pF
VR = 1.65V, f = 1MHz
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website at
http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
7. For information on the impact of Diodes' USB 2.0 compatible ESD protectors on signal integrity including eye diagram plots, please refer to AN77 at the
following URL: http://www.diodes.com/destools/appnote_dnote.html.
0125
175
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Figure 1 Power Derating Curve
A
°
25
100
50
75
150
25
75
125
250
175
Note 5
200
225
0
50
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Figure 2 Pulse Derating Curve
A
0
100
25
75
175 200



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com