Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1213A-01LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D1213A-01LP
Description  1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D1213A-01LP Datasheet(HTML) 3 Page - Diodes Incorporated

  D1213A-01LP Datasheet HTML 1Page - Diodes Incorporated D1213A-01LP Datasheet HTML 2Page - Diodes Incorporated D1213A-01LP Datasheet HTML 3Page - Diodes Incorporated D1213A-01LP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D1213A-01LP
Document number: DS35759 Rev. 6 - 2
3 of 4
www.diodes.com
December 2012
© Diodes Incorporated
D1213A-01LP
0
t, TIME ( s)
Figure 3 Pulse Waveform
μ
20
40
60
100
50
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
100
1,000
Figure 4 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T = 25°C
A
T = -55°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
1.0
2.0
3.0
4.0
5.0
Figure 5 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
100
10
0.1
1
T = 25°C
A
T = -55°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V , REVERSE VOLTAGE (V)
Figure 6 Typical Total Capacitance vs. Reverse Voltage
R
0.5
1.5
0
1.0
2.0
f = 1MHz
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
X1-DFN1006-2
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0
0.05
0.03
b
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
e
-
-
0.40
L
0.20
0.30
0.25
R
0.05
0.15
0.10
All Dimensions in mm
L
E
b
R
e
D
A1
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com