Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFB-2004-3 Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # DFB-2004-3
Description  2.0 關m DFB laser diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

DFB-2004-3 Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  DFB-2004-3 Datasheet HTML 1Page - Roithner LaserTechnik GmbH DFB-2004-3 Datasheet HTML 2Page - Roithner LaserTechnik GmbH DFB-2004-3 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10.08.2010
dfb_2004_3.doc
3 of 3
Packages
Different packaging options are available for those LD. Shown here are standard TO
headers (e.g. TO5.6, TO9, TO8) with and without Peltier cooler. Mounting on customer
specific submounts and bare chips are also available upon request.
plain chip
TO 5.6 mm
TO 9 mm
TO 5 with integrated
TEC and thermistor
TO 8 with integrated
TEC and thermistor
fiber coupled
fiber coupled with TEC and
thermistor
C-mount



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com