Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFB-2004-3 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # DFB-2004-3
Description  2.0 關m DFB laser diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

DFB-2004-3 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  DFB-2004-3 Datasheet HTML 1Page - Roithner LaserTechnik GmbH DFB-2004-3 Datasheet HTML 2Page - Roithner LaserTechnik GmbH DFB-2004-3 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10.08.2010
dfb_2004_3.doc
1 of 3
DFB-2004-3
Description
2.0 μm DFB laser diodes (in the following a 2004nm device is exemplary presented) show
unique device performance to meet the requirements of our customers.
Their high side mode suppression ratio (SMSR) and high spectral purity make them
perfectly suited for applications like e.g. CO2 spectroscopy. Mode-hop free DFB emission
with a high side mode suppression ratio (SMSR) around 35dB is guaranteed for the
device in the entire specified temperature and current range of operation.
Spectrum
Fig. 1:Spectrum of a 2004nm DFB Laser diode.
Applications
•
trace gas sensing of CO2


Similar Part No. - DFB-2004-3

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
DFB-2050-3 ROITHNER-DFB-2050-3 Datasheet
68Kb / 1P
2050nm DFP LAser
More results

Similar Description - DFB-2004-3

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL392L OKI-OL392L Datasheet
46Kb / 4P
1.3 關m Coaxial DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1490 OPTOWAY-DL-5100-1490 Datasheet
103Kb / 2P
1490 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1625 OPTOWAY-DL-5100-1625 Datasheet
106Kb / 2P
1625 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1650 OPTOWAY-DL-5100-1650 Datasheet
106Kb / 2P
1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1490 OPTOWAY-DL-5100-1490_07 Datasheet
117Kb / 3P
1490 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1625 OPTOWAY-DL-5100-1625_07 Datasheet
113Kb / 3P
1625 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1650 OPTOWAY-DL-5100-1650_07 Datasheet
113Kb / 3P
1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com