Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF2807Z Datasheet(PDF) 2 Page - International Rectifier

Part # IRF2807Z
Description  Advanced Process Technology
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF2807Z Datasheet(HTML) 2 Page - International Rectifier

  IRF2807Z Datasheet HTML 1Page - International Rectifier IRF2807Z Datasheet HTML 2Page - International Rectifier IRF2807Z Datasheet HTML 3Page - International Rectifier IRF2807Z Datasheet HTML 4Page - International Rectifier IRF2807Z Datasheet HTML 5Page - International Rectifier IRF2807Z Datasheet HTML 6Page - International Rectifier IRF2807Z Datasheet HTML 7Page - International Rectifier IRF2807Z Datasheet HTML 8Page - International Rectifier IRF2807Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IRF2807Z/S/L
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Limited by T
Jmax, starting TJ = 25°C, L = 0.12mH,
RG = 25Ω, IAS = 53A, VGS =10V. Part not
recommended for use above this value.
ƒ ISD ≤ 53A, di/dt ≤ 420A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C.
„ Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS .
† Limited by T
Jmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
‡ This value determined from sample failure population. 100%
tested to this value in production.
ˆ This is applied to D2Pak, when mounted on 1" square PCB
( FR-4 or G-10 Material ). For recommended footprint and
soldering techniques refer to application note #AN-994.
S
D
G
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage75
–––
–––
V
∆ΒV
DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.073
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
7.5
9.4
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
67
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage–––
–––
-200
Qg
Total Gate Charge
–––
71
110
nC
Qgs
Gate-to-Source Charge
–––
19
29
Qgd
Gate-to-Drain ("Miller") Charge
–––
28
42
td(on)
Turn-On Delay Time
–––
18
–––
ns
tr
Rise Time
–––
79
–––
td(off)
Turn-Off Delay Time
–––
40
–––
tf
Fall Time
–––
45
–––
LD
Internal Drain Inductance
–––
4.5
–––
nH
Between lead,
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
3270
–––
pF
Coss
Output Capacitance
–––
420
–––
Crss
Reverse Transfer Capacitance
–––
240
–––
Coss
Output Capacitance
–––
1590
–––
Coss
Output Capacitance
–––
280
–––
Coss eff.
Effective Output Capacitance
–––
440
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
89
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
350
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
4669ns
Qrr
Reverse Recovery Charge–––
80
120
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 53A
f
VDS = VGS, ID = 250µA
VDS = 75V, VGS = 0V
VDS = 75V, VGS = 0V, TJ = 125°C
RG = 6.2Ω
ID = 53A
VDS = 25V, ID = 53A
VDD = 38V
ID = 53A
VGS = 20V
VGS = -20V
TJ = 25°C, IF = 53A, VDD = 25V
di/dt = 100A/µs
f
TJ = 25°C, IS = 53A, VGS = 0V f
showing the
integral reverse
p-n junction diode.
MOSFET symbol
VGS = 0V
VDS = 25V
VGS = 0V, VDS = 60V, ƒ = 1.0MHz
Conditions
VGS = 0V, VDS = 0V to 60V
VDS = 60V
VGS = 10V
f
ƒ = 1.0MHz, See Fig. 5
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 10V
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com