Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF2807Z Datasheet(PDF) 1 Page - International Rectifier

Part # IRF2807Z
Description  Advanced Process Technology
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF2807Z Datasheet(HTML) 1 Page - International Rectifier

  IRF2807Z Datasheet HTML 1Page - International Rectifier IRF2807Z Datasheet HTML 2Page - International Rectifier IRF2807Z Datasheet HTML 3Page - International Rectifier IRF2807Z Datasheet HTML 4Page - International Rectifier IRF2807Z Datasheet HTML 5Page - International Rectifier IRF2807Z Datasheet HTML 6Page - International Rectifier IRF2807Z Datasheet HTML 7Page - International Rectifier IRF2807Z Datasheet HTML 8Page - International Rectifier IRF2807Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
09/03/03
www.irf.com
1
HEXFET® is a registered trademark of International Rectifier.
IRF2807Z
IRF2807ZS
IRF2807ZL
HEXFET® Power MOSFET
S
D
G
VDSS = 75V
RDS(on) = 9.4mΩ
ID = 75A
Features
Advanced Process Technology
Ultra Low On-Resistance
Dynamic dv/dt Rating
175°C Operating Temperature
Fast Switching
Repetitive Avalanche Allowed up to Tjmax
AUTOMOTIVE MOSFET
Description
Specifically designed for Automotive applications,
this HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low
on-resistance per silicon area. Additional fea-
tures of this design are a 175°C junction operating
temperature, fast switching speed and improved
repetitive avalanche rating . These features com-
bine to make this design an extremely efficient
and reliable device for use in Automotive applica-
tions and a wide variety of other applications.
D2Pak
IRF2807ZS
TO-220AB
IRF2807Z
TO-262
IRF2807ZL
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (See Fig. 9)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy (Thermally Limited)
d
mJ
EAS (tested)
Single Pulse Avalanche Energy Tested Value
i
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
h
mJ
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Mounting torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.90
°C/W
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
RθJA
Junction-to-Ambient
–––
62
RθJA
Junction-to-Ambient (PCB Mount, steady state)
j
–––
40
Max.
89
63
350
75
10 lbf•in (1.1N•m)
170
1.1
± 20
160
200
See Fig.12a,12b,15,16
300 (1.6mm from case )
-55 to + 175
PD - 94659A


Similar Part No. - IRF2807Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2807Z IRF-IRF2807Z Datasheet
272Kb / 12P
Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF2807Z KERSEMI-IRF2807Z Datasheet
4Mb / 12P
AUTOMOTIVE MOSFET Advanced Process Technology
logo
Inchange Semiconductor ...
IRF2807Z ISC-IRF2807Z Datasheet
340Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRF2807ZL IRF-IRF2807ZL Datasheet
272Kb / 12P
Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF2807ZL KERSEMI-IRF2807ZL Datasheet
4Mb / 12P
AUTOMOTIVE MOSFET Advanced Process Technology
More results

Similar Description - IRF2807Z

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com