Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC4X0 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # ZXSC4X0
Description  DC-DC BOOST SWITCHING CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC4X0 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button ZXSC4X0 Datasheet HTML 7Page - Diodes Incorporated ZXSC4X0 Datasheet HTML 8Page - Diodes Incorporated ZXSC4X0 Datasheet HTML 9Page - Diodes Incorporated ZXSC4X0 Datasheet HTML 10Page - Diodes Incorporated ZXSC4X0 Datasheet HTML 11Page - Diodes Incorporated ZXSC4X0 Datasheet HTML 12Page - Diodes Incorporated ZXSC4X0 Datasheet HTML 13Page - Diodes Incorporated ZXSC4X0 Datasheet HTML 14Page - Diodes Incorporated ZXSC4X0 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ZXSC410/ZXSC420/ZXSC440
Document number: DS33618 Rev. 5 - 2
11 of 17
www.diodes.com
March 2013
© Diodes Incorporated
ZXSC410/ZXSC420/ZXSC440
Application Examples
ZXSC410 DC-DC Boost Voltage Regulators
VIN = 2.5V to 4.2V, VOUT = 5V; ILOAD = 100mA
020
40
60
80
100
100
70
90
80
LOAD CURRENT (mA)
Load Current vs. Efficiency
V = 3.6V
IN
V = 4.2V
IN
V = 3V
IN
2.5
3.0
3.5
4.0
100
70
90
80
INPUT VOLTAGE (V)
Input Voltage vs. Efficiency
I
= 10mA
LOAD
I
= 100mA
LOAD
I
= 60mA
LOAD
Switching Waveform
Output Ripple
ZXSC410
ZXTN25012EFH
ZHCS2000
22µH
100mΩ
1kΩ
22µF
22µF
VIN = 2.5V to 4.2V
R3
16kΩ
C3
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com