Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC4X0 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXSC4X0
Description  DC-DC BOOST SWITCHING CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC4X0 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXSC4X0 Datasheet HTML 1Page - Diodes Incorporated ZXSC4X0 Datasheet HTML 2Page - Diodes Incorporated ZXSC4X0 Datasheet HTML 3Page - Diodes Incorporated ZXSC4X0 Datasheet HTML 4Page - Diodes Incorporated ZXSC4X0 Datasheet HTML 5Page - Diodes Incorporated ZXSC4X0 Datasheet HTML 6Page - Diodes Incorporated ZXSC4X0 Datasheet HTML 7Page - Diodes Incorporated ZXSC4X0 Datasheet HTML 8Page - Diodes Incorporated ZXSC4X0 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ZXSC410/ZXSC420/ZXSC440
Document number: DS33618 Rev. 5 - 2
4 of 17
www.diodes.com
March 2013
© Diodes Incorporated
ZXSC410/ZXSC420/ZXSC440
Typical Characteristics
18
2
3
456
7
29.0
27.0
28.5
28.0
27.5
INPUT VOLTAGE (V)
Input Voltage vs. Sense Voltage
T = -40°C
A
T = 25°C
A
T = 85°C
A
18
23
4
5
6
7
8
7
3
2
6
5
4
INPUT VOLTAGE (V)
Input Voltage vs. Shutdown Voltage
T = -40°C
A
T = 25°C
A
T = 85°C
A
I
= 0V
STDN
18
2
3
456
7
3.5
3.2
3.4
3.3
3.6
INPUT VOLTAGE (V)
Input Voltage vs. Drive Current
T = -40°C
A
T = 25°C
A
T = 85°C
A
INPUT VOLTAGE (V)
Input Voltage vs. Feedback Voltage
18
2
3
456
7
310
290
300
T = -40°C
A
T = 25°C
A
T = 85°C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com