Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS104F151MTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPIS104F151MTRF
Description  NPIS Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS104F151MTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPIS104F151MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIS104F151MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIS104F151MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIS104F151MTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Speci cations are subject to change
Case Size
TAPING DIMENSIONS (mm)
Ao
Bo
Ko
Co
W
Po
Qty/Reel
NPIS103F
10.65
10.65
3.2
11.5
24.0
16.0
1,000
NPIS104F
4.2
1,000
NPIS105F
5.2
750
Tape Width
REEL DIMENSIONS (mm)
A(mm)
B(mm)
C(mm)
D(mm)
16mm
26.0 +0
100 -0
13 ±0.5
330
W
Co
Ao
Po
Ko ±0.1
Bo
1.5mm ± 0.1
4.0mm
±0.1
1.75mm ±0.1
0.35mm ± 0.05
NPIS__F Series
NPIS Shielded Power Inductors
B
C
D
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com