Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS104F151MTRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPIS104F151MTRF
Description  NPIS Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS104F151MTRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPIS104F151MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIS104F151MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIS104F151MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIS104F151MTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Speci cations are subject to change
NPIS__F Series
NPIS Shielded Power Inductors
NPIS 104 F 151 M TR F
Termination Finish:
F = Standard Pb-free (100%Sn)
Packaging: TR = Tape & Reel
Inductance Tolerance Code: M=±20%, Y=±30%
Inductance Code (
μH): 1st two digits are signi cant,
3rd digit is multiplier.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM
Series
A
B
C
D
E
F
NPIS103F
10.6 max
10.5 max
3.0 max
3.0 ref 1.2 ± 0.15 7.7 ± 0.3
NPIS104F
4.0 max
NPIS105F
5.0 max
DIMENSIONS (mm)
FEATURES
• SHIELDED POWER INDUCTOR
• SMALL SIZE WITH CURRENT RATINGS TO 13.5 AMPS
• SURFACE MOUNTABLE CONSTRUCTION
• HIGH INDUCTANCE (UP TO 1,000
μH)
• TAPED AND REELED FOR AUTOMATIC INSERTION
• FOR USE IN DC/DC CONVERTERS
Case Size
NPIS103F
NPIS104F
NPIS105F
Inductance Range
0.8 ~ 150
μH
1.5 ~ 330
μH
0.8 ~ 1,000
μH
Ambient Operating Temperature Range
-25°C ~ +85°C
Maximum Component Temperature
(Ambient + Self-Heating)
+125°C
Temperatrue Rise at IDC
+40°C max.
Inductance Change at IDC
-25% typical
Inductance Tolerance
±20% (M) & ±30% (Y)
Resistance to Solder Heat
260°C for 10 seconds
CHARACTERISTICS
220
D
C
A
B
E
F
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
LG
H
10.7
7.3
3.6
L
G
H
REFLOW SOLDERING PROFILE
Soldering 260°C max.
5 seconds max.
Cool Down
60 ~ 120 sec.
25
50
100
150
200
250
300
Pre-Heat
150°C ~ 180°C
Time above 230°C
30 seconds max.
30
60
90 120 150 180 210 240 270 300
Time - Seconds


Similar Part No. - NPIS104F151MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS104F NIC-NPIS104F Datasheet
44Kb / 4P
NPIS Shielded Power Inductors
logo
Diodes Incorporated
NPIS104F680MTRF DIODES-NPIS104F680MTRF Datasheet
104Kb / 8P
The evaluation board does not have reverse supply protection.
OCTOBER 2012
NPIS104F680MTRF DIODES-NPIS104F680MTRF Datasheet
105Kb / 8P
The evaluation board does not have reverse supply protection
OCTOBER 2012
NPIS104F680MTRF DIODES-NPIS104F680MTRF Datasheet
197Kb / 8P
The evaluation board does not have reverse supply protection
DECEMBER 2011
More results

Similar Description - NPIS104F151MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com