Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPI35LS1R8MTRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPI35LS1R8MTRF
Description  NPI Unshielded Power Inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI35LS1R8MTRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPI35LS1R8MTRF Datasheet HTML 1Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 2Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 4Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 5Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 6Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 7Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 8Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Unshielded Power Inductors
NPI__LS Series
Irms specification is based on +20°C temperature rise. Isat is based on -30% inductance change.
Series
Standard Values - Case Size 31 (3.0 x 3.0 x 1.2mm)
Inductance
(
μH)
Tolerance
Test Conditions
DCR
(
Ω)
Isat
(Amps)
Irms
(Amps)
SRF
(MHz)
NPI31LS1R2MTRF
1.2
±20%
100KHz, 1V
0.082
2.25
1.14
170
NPI31LS1R5MTRF
1.5
±20%
100KHz, 1V
0.097
2.02
1.05
140
NPI31LS1R8MTRF
1.8
±20%
100KHz, 1V
0.108
1.75
1.0
110
NPI31LS2R2MTRF
2.2
±20%
100KHz, 1V
0.125
1.64
0.9
100
NPI31LS2R7MTRF
2.7
±20%
100KHz, 1V
0.143
1.51
0.85
91
NPI31LS3R3MTRF
3.3
±20%
100KHz, 1V
0.169
1.37
0.8
85
NPI31LS3R9MTRF
3.9
±20%
100KHz, 1V
0.21
1.24
0.7
77
NPI31LS4R7MTRF
4.7
±20%
100KHz, 1V
0.243
1.16
0.65
70
NPI31LS5R6MTRF
5.6
±20%
100KHz, 1V
0.306
1.04
0.6
63
NPI31LS6R2MTRF
6.2
±20%
100KHz, 1V
0.333
0.98
0.55
62
NPI31LS6R8MTRF
6.8
±20%
100KHz, 1V
0.383
0.92
0.5
56
NPI31LS7R5MTRF
7.5
±20%
100KHz, 1V
0.389
0.88
0.5
53
NPI31LS9R1MTRF
9.1
±20%
100KHz, 1V
0.502
0.77
0.45
46
NPI31LS100MTRF
10
±20%
100KHz, 1V
0.526
0.75
0.45
43
NPI31LS120MTRF
12
±20%
100KHz, 1V
0.599
0.7
0.4
41
NPI31LS150MTRF
15
±20%
100KHz, 1V
0.772
0.62
0.35
36
NPI31LS180MTRF
18
±20%
100KHz, 1V
1.06
0.56
0.3
32
NPI31LS220MTRF
22
±20%
100KHz, 1V
1.11
0.52
0.3
30
NPI31LS270MTRF
27
±20%
100KHz, 1V
1.38
0.48
0.25
26
NPI31LS330MTRF
33
±20%
100KHz, 1V
1.8
0.42
0.25
24
NPI31LS360MTRF
36
±20%
100KHz, 1V
1.95
0.42
0.2
24
NPI31LS390MTRF
39
±20%
100KHz, 1V
2.095
0.4
0.2
23
NPI31LS470MTRF
47
±20%
100KHz, 1V
2.46
0.36
0.2
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com