Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPI35LS1R8MTRF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NPI35LS1R8MTRF
Description  NPI Unshielded Power Inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI35LS1R8MTRF Datasheet(HTML) 6 Page - NIC-Components Corp.

Back Button NPI35LS1R8MTRF Datasheet HTML 2Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 4Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 5Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 6Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 7Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 8Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 9Page - NIC-Components Corp. NPI35LS1R8MTRF Datasheet HTML 10Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Unshielded Power Inductors
NPI__LS Series
Irms specification is based on +20°C temperature rise. Isat is based on -30% inductance change.
Series
Standard Values - Case Size 42 (4.0 x 4.0 x 2.2mm)
Inductance
(
μH)
Tolerance
Test Conditions
DCR
(
Ω)
Isat
(Amps)
Irms
(Amps)
SRF
(MHz)
NPI42LS1R2MTRF
1.2
±20%
100KHz, 1V
0.029
5.98
2.16
100
NPI42LS1R5MTRF
1.5
±20%
100KHz, 1V
0.04
5.23
1.86
85
NPI42LS1R8MTRF
1.8
±20%
100KHz, 1V
0.045
4.77
1.74
74
NPI42LS2R2MTRF
2.2
±20%
100KHz, 1V
0.051
4.33
1.63
64
NPI42LS2R7MTRF
2.7
±20%
100KHz, 1V
0.057
3.74
1.54
61
NPI42LS3R3MTRF
3.3
±20%
100KHz, 1V
0.074
3.55
1.36
55
NPI42LS3R9MTRF
3.9
±20%
100KHz, 1V
0.081
3.34
1.29
48
NPI42LS4R7MTRF
4.7
±20%
100KHz, 1V
0.09
3.11
1.23
45
NPI42LS5R6MTRF
5.6
±20%
100KHz, 1V
0.117
2.84
1.08
41
NPI42LS6R2MTRF
6.2
±20%
100KHz, 1V
0.126
2.69
1.04
38
NPI42LS6R8MTRF
6.8
±20%
100KHz, 1V
0.136
2.54
1.0
35
NPI42LS8R2MTRF
8.2
±20%
100KHz, 1V
0.162
2.4
0.92
33
NPI42LS9R1MTRF
9.1
±20%
100KHz, 1V
0.172
2.3
0.89
32
NPI42LS100MTRF
10
±20%
100KHz, 1V
0.184
2.2
0.86
30
NPI42LS120MTRF
12
±20%
100KHz, 1V
0.233
1.95
0.76
26
NPI42LS150MTRF
15
±20%
100KHz, 1V
0.327
1.73
0.65
23
NPI42LS180MTRF
18
±20%
100KHz, 1V
0.366
1.56
0.61
20
NPI42LS220MTRF
22
±20%
100KHz, 1V
0.559
1.41
0.49
19
NPI42LS270MTRF
27
±20%
100KHz, 1V
0.62
1.28
0.47
17
NPI42LS330MTRF
33
±20%
100KHz, 1V
0.712
1.16
0.44
15
NPI42LS360MTRF
36
±20%
100KHz, 1V
0.753
1.12
0.43
14
NPI42LS390MTRF
39
±20%
100KHz, 1V
0.806
1.06
0.41
14
NPI42LS430MTRF
43
±20%
100KHz, 1V
0.849
1.02
0.4
14
NPI42LS470MTRF
47
±20%
100KHz, 1V
0.9
1.0
0.39
13
NPI42LS510MTRF
51
±20%
100KHz, 1V
1.11
0.91
0.35
11
NPI42LS560MTRF
56
±20%
100KHz, 1V
1.162
0.89
0.34
11
NPI42LS620MTRF
62
±20%
100KHz, 1V
1.227
0.84
0.33
10
NPI42LS680MTRF
68
±20%
100KHz, 1V
1.317
0.8
0.32
9.4
NPI42LS750MTRF
75
±20%
100KHz, 1V
1.375
0.78
0.31
9.2
NPI42LS820MTRF
82
±20%
100KHz, 1V
1.465
0.75
0.3
9.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com